Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS3 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS3
Description  30-5000 MHz SILICON GERMANIUM Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS3 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS3 Datasheet HTML 1Page - BeRex Corporation BGS3 Datasheet HTML 2Page - BeRex Corporation BGS3 Datasheet HTML 3Page - BeRex Corporation BGS3 Datasheet HTML 4Page - BeRex Corporation BGS3 Datasheet HTML 5Page - BeRex Corporation BGS3 Datasheet HTML 6Page - BeRex Corporation BGS3 Datasheet HTML 7Page - BeRex Corporation BGS3 Datasheet HTML 8Page - BeRex Corporation BGS3 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
30-5000 MHz SILICON GERMANIUM Gain Block
BGS3
1
Rev. 14.7
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• Single Fixed 3V supply
• No Dropping Resistor Required
• No matching circuit needed
• Green/RoHS2 compliant SOT-363 package
• Application: Driver Amplifier, Cellular, PCS, GSM,
UMTS, WCDMA, Wireless Data
BeRex’s BGS3 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3V supply. The
BGS3 is designed for high linearity 3V gain
block applications . It is packaged in a RoHS2
-compliant with SOT-363 surface mount
package.
Product Description
Device Features
• Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
• Military wireless system
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1 nF ± 5%; C5 = 10uF; **L1 = 56nH
**Less than 56nH improves RF performance at over 0.9GHz.
*820nH or higher value L1 improves RF performance at under 900MHz.
*Optimum value of L1 may vary with board design.
*C1,C2=2nF, L1=820nH for 50MHz application.
B3X
X
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Application Circuit Values Example
Freq.
30~700MHz
0.7 ~ 3GHz
3 ~ 4GHz
4 ~ 5GHz
C1/C2
2nF
100pF
10pF
10pF
L1
820nH
56nH
12nH
10nH
(1608 Ind.)
*C1,C2=10pF, L1=12nH for 3.5GHz application.
Part Marking (XX:Wafer number)
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
170
°C
Supply Voltage
+3.7
V
Supply Current
120
mA
Input RF Power
12
dBm
Operation of this device above any of these parameters may result in permanent damage.
Device performance _ measured on a BeRex evaluation board at 25°C, Vc=3V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
30
5000
MHz
Test Frequency
900
MHz
Gain
23.9
25.4
dB
Input Return Loss
-17.0
dB
Output Return Loss
-14.0
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
27.5
30.5
dBm
Output P1dB
16.4
17.4
dBm
Noise Figure
1.7
dB
Parameter
Min
Typ
Max
Unit
Bandwidth
30
5000
MHz
IC @ (Vc = 3 V)
40
55
66
mA
VC
2.7
3.0
3.3
V
dG/dT
-0.006
RTH
130
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
C1
C2
RF In
RF Out
BGS3
Vcc
L1
C3
C4
C5


Similar Part No. - BGS3

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
30-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
636Kb / 10P
30-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3_18 Datasheet
636Kb / 10P
30-4000 MHz SILICON GERMANIUM Gain Block
More results

Similar Description - BGS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
30-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3_18 Datasheet
636Kb / 10P
30-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com