Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS3 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS3
Description  30-5000 MHz SILICON GERMANIUM Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS3 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS3 Datasheet HTML 1Page - BeRex Corporation BGS3 Datasheet HTML 2Page - BeRex Corporation BGS3 Datasheet HTML 3Page - BeRex Corporation BGS3 Datasheet HTML 4Page - BeRex Corporation BGS3 Datasheet HTML 5Page - BeRex Corporation BGS3 Datasheet HTML 6Page - BeRex Corporation BGS3 Datasheet HTML 7Page - BeRex Corporation BGS3 Datasheet HTML 8Page - BeRex Corporation BGS3 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
30-5000 MHz SILICON GERMANIUM Gain Block
BGS3
3
Rev. 14.7
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Typical Performance (Vc = 3.1V, Ic = 65mA, T = 25°C)
Typical Performance (Vc = 3.2V, Ic = 75mA, T = 25°C)
Typical Performance (Vc = 3.3V, Ic = 86mA, T = 25°C)
Freq
MHz
30
50
70
900
1900
2140
2450
2650
3500
4500
S21
dB
29.8
29.1
28.8
25.8
21.9
21.1
20.2
19.7
18.1
16.8
S11
dB
-13
-14.6
-15.2
-16.4
-16.3
-17.2
-19.1
-19.7
-15.5
-13.9
S22
dB
-15.9
-13.6
-13.2
-13.9
-15.4
-16
-17.7
-19.6
-16.3
-15
P1
dBm
16.7
17.1
17.7
17.4
16.8
16.1
16.2
16.4
14.5
13.6
OIP3
dBm
30.3
31.6
31.3
30.7
29.1
28.9
28.3
28.3
27.1
24.9
NF
dB
1.98
1.62
1.7
1.68
1.81
1.86
1.93
1.98
2.08
2.29
Freq
MHz
30
50
70
900
1900
2140
2450
2650
3500
4500
S21
dB
29.9
29.2
28.9
25.9
21.9
21.2
20.3
19.7
18.1
16.9
S11
dB
-12.8
-14
-14.4
-15.8
-16
-17.1
-19.1
-19.6
-15.8
-14.2
S22
dB
-14.6
-12.7
-12.3
-13.5
-15.4
-16
-17.8
-19.8
-16.6
-15
P1
dBm
17.3
17.8
18.4
16.9
16.6
16
16.2
16.5
14.5
13.7
OIP3
dBm
29.6
30.5
30.3
29.5
28
27.6
26.7
26.6
26.3
24.3
NF
dB
2.04
1.65
1.73
1.72
1.83
1.9
1.96
2
2.1
2.33
Freq
MHz
30
50
70
900
1900
2140
2450
2650
3500
4500
S21
dB
30
29.3
29
25.9
21.9
21.2
20.3
19.7
18.2
16.9
S11
dB
-12.6
-13.7
-14
-15.5
-16.1
-17
-19
-19.4
-15.9
-14.2
S22
dB
-13.8
-12.1
-11.7
-13.1
-15.5
-16.2
-18
-20.1
-16.9
-15.1
P1
dBm
17.9
18.2
18.6
16.6
16.5
15.8
16.2
16.4
14.5
13.6
OIP3
dBm
28.6
29.8
29.6
29
27.4
26.7
26
25.6
24.8
23
NF
dB
2.11
1.7
1.76
1.74
1.89
1.93
1.99
2
2.15
2.4
V-I Characteristics
BeRex SOT-363 Evaluation Board
*Dielectric constant _ 4.2
*31mil thick FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com