Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS6 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS6
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS6 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS6 Datasheet HTML 1Page - BeRex Corporation BGS6 Datasheet HTML 2Page - BeRex Corporation BGS6 Datasheet HTML 3Page - BeRex Corporation BGS6 Datasheet HTML 4Page - BeRex Corporation BGS6 Datasheet HTML 5Page - BeRex Corporation BGS6 Datasheet HTML 6Page - BeRex Corporation BGS6 Datasheet HTML 7Page - BeRex Corporation BGS6 Datasheet HTML 8Page - BeRex Corporation BGS6 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BGS6
50-4000 MHz SILICON GERMANIUM Gain Block
1
Rev. 9.2
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• 3 ~ 3.3V supply
• No Dropping Resistor Required
• No matching circuit needed
• Green/RoHS2 compliant SOT-343 package
BeRex’s BGS6 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3.3V supply.
The BGS6 is designed for high linearity 3.3V
gain block applications . It is packaged in a
RoHS2-compliant with SOT-343 surface
mount package.
Product Description
Device Features
• Drive Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA, LTE
• Wireless Data
Applications
Applications Circuit
Pin Description
RF IN
3
RF OUT
1
GND
2,4
Part Marking (X: Wafer number)
Application Circuit Values Example
Freq.
300~500MHz
700MHz ~ 3GHz
C1/C2
2nF
100pF
C3
100pF
100pF
C4
1nF
1nF
L1
820nH
56nH
(1608 Chip Ind.)
IN
OU
T
G
ND
G
ND
B6
XX
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+165
°C
Supply Voltage
+4.0
V
Supply Current
100
mA
Input RF Power
15
dBm
Operation of this device above any of these parameters may result in permanent damage.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
5000
MHz
Test Frequency
900
MHz
Gain
20.3
21.8
dB
Input Return Loss
-19.0
dB
Output Return Loss
-16.0
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
23.0
26.0
dBm
Output P1dB
16.0
17.0
dBm
Noise Figure
2.9
dB
Parameter
Min
Typ
Max
Unit
Bandwidth
50
4000
MHz
IC @ (Vc = 3.3V)
22
27
32
mA
VC
3.0
3.3
3.45
V
RTH
130
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
C1
C2
RF In
RF Out
BGS6
Vcc
L1
C3
C4


Similar Part No. - BGS6

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
logo
NXP Semiconductors
BGS67 PHILIPS-BGS67 Datasheet
49Kb / 8P
65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
More results

Similar Description - BGS6

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1 Datasheet
795Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_18 Datasheet
638Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_18 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com