Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS6 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BGS6
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS6 Datasheet(HTML) 2 Page - BeRex Corporation

  BGS6 Datasheet HTML 1Page - BeRex Corporation BGS6 Datasheet HTML 2Page - BeRex Corporation BGS6 Datasheet HTML 3Page - BeRex Corporation BGS6 Datasheet HTML 4Page - BeRex Corporation BGS6 Datasheet HTML 5Page - BeRex Corporation BGS6 Datasheet HTML 6Page - BeRex Corporation BGS6 Datasheet HTML 7Page - BeRex Corporation BGS6 Datasheet HTML 8Page - BeRex Corporation BGS6 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BGS6
50-4000 MHz SILICON GERMANIUM Gain Block
2
Rev. 9.2
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Typical Performance (Vc = 3.3V, Ic = 27mA, T = 25°C)
Freq
MHz
400
900
1900
2450
2650
S21
dB
23.3
21.8
18.0
16.2
15.7
S11
dB
-22.1
-19.2
-17.1
-17.1
-16.6
S22
dB
-19.2
-16.1
-10.3
-10.0
-10.2
P1
dBm
16.5
17.0
14.1
12.5
12.1
OIP3
dBm
26.1
26.1
25.9
24.1
23.0
NF
dB
3.0
2.9
3.1
3.3
3.5
Typical Performance (Vc = 3.0V, Ic = 16mA, T = 25°C)
Freq
MHz
400
900
1900
2450
2650
S21
dB
23.1
21.5
17.7
16.0
15.4
S11
dB
-23.8
-22.8
-18.7
-17.2
-16.3
S22
dB
-19.6
-18.4
-11.1
-10.1
-10.1
P1
dBm
15.5
16.7
13.9
12.2
11.8
OIP3
dBm
24.3
24.4
24.1
23.3
22.6
NF
dB
2.5
2.4
2.5
2.9
3.1
V-I Characteristics
BeRex SOT-343 Evaluation Board
*Dielectric constant _ 4.2
*31mil thick FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com