Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB Datasheet(PDF) 2 Page - Alpha Electronics Corp.

Part # PSB
Description  Ultra Precision Shunt Resistor (40 Watts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

PSB Datasheet(HTML) 2 Page - Alpha Electronics Corp.

  PSB Datasheet HTML 1Page - Alpha Electronics Corp. PSB Datasheet HTML 2Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.alpha-elec.co.jp
21
PSB Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
Document No.: 67010
Revision: 25-Apr-2016
PERFORMANCE
Parameters
Test Condition
ALPHA
Specification
ALPHA Typical
Test Data
Maximum Rated Operating Temperature
Working Temperature Range
Maximum Working Current
25°C
–55°C to +85°C
100A
Power Conditioning
25°C, Rated Power, 96 hrs.
±0.1%
±0.05%
Low Temperature Storage and Operation –55°C, No Load, 24 hrs.
±0.1%
±0.05%
Dielectric Withstanding Voltage
Insulation Resistance
Low Temperature Operation
Overload
Atmo. Pres.: AC 750V, 1 min.
DC 500V, 2 min.
–55°C, Rated Power
Rated Power x 2.5, 5 sec.
±0.05%
over 10,000 MΩ
±0.1%
±0.1%
±0.01%
over 10,000 MΩ
±0.05%
±0.05%
Moisture Resistance
+65°C to –10°C, 90% RH to 98% RH, Rated Voltage, 10 cycles (240 hrs.)
±0.1%
±0.05%
Shock
High Frequency Shock
30G, 11 ms., Half-Sine Wave, X, Y, Z, 10 shocks each
10 Hz to 50 Hz to 10 Hz, 1 min. X, Y, Z, 2.0 hrs. each
±0.05%
±0.05%
±0.1%
±0.1%
Life
25°C, Rated Power, 1.5 hrs. – ON, 0.5 hrs. – OFF, 2,000 hrs.
±0.2%
±0.05%
High Temperature Exposure
85°C, No Load, 2,000 hrs.
±0.2%
±0.05%
Storage Life
15°C to 35°C, 15% RH to 75% RH, No Load, 10,000 hrs.
±0.05%
±0.01%
Internal Thermal Resistance
Between resistive element and base plate
0.3°C/W
Thermal Electromotive Force
1 µV/°C
FREQUENCY CHARACTERISTICS
(kHz)
3
2
1
0
-1
-2
-3
100
10
1
0.1
Frequency
10 m
100 m
1
(%)
TEMPERATURE OF RESISTOR SURFACE
A (4.7°C/W)
B (4.4°C/W)
A (1.5°C/W)
B: Bottom of Resistor
A: Element’s Surface
Screwed Down
Aluminum Heat Sink
100 mm (L) x 60 mm (W) x 60 mm (H)
B (1.2°C/W)
In Free Air
On Heat Sink
(Rth 1°C/W)
70
60
50
40
30
20
10
30
30
40
25
20
15
10
5
Applied Power
(W)
T (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com