Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB Datasheet(PDF) 1 Page - Alpha Electronics Corp.

Part # PSB
Description  Ultra Precision Shunt Resistor (40 Watts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

PSB Datasheet(HTML) 1 Page - Alpha Electronics Corp.

  PSB Datasheet HTML 1Page - Alpha Electronics Corp. PSB Datasheet HTML 2Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.alpha-elec.co.jp
20
PSB Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
Document No.: 67010
Revision: 25-Apr-2016
Ultra Precision Shunt Resistor (40 Watts)
COMPOSITION OF TYPE NUMBER
PSB X R0100 B
Resistance value in ohm is expressed by a series of four
significant digits and an R designating the decimal point.
CONFIGURATION (DIMENSIONS IN mm)
100
88
66
Schematic of PSB Type
VV
4-Terminal Connection
16
8
2
2-M3
60
20
II
2-M6
Weight =170g
FEATURES
• Excellent temperature characteristics created by Bulk Metal®
foil technology
• Accurate value on four-terminal wiring, even in low extremity of resistance
• High heat dissipation due to aluminum-clad construction with fins
• Readiness to mount to heat sink or water-cooled radiator
• Availability of threaded holes to fix cables with screw
APPLICATIONS
• Current-sensing in precise power supply, motor driver, etc.
TCR, RESISTANCE RANGE, TOLERANCE,
RATED POWER
TCR (ppm/°C)
0°C to +60°C
Resistance
Range
(Ω)
Resistance
Tolerance
(%)
Rated Power
(W)
at 25°C
0±15 (W)
0.001 to 0.005
±0.1 (B)
±0.5 (D)
±1 (F)
12
in free air
and
40
On heat sink*
0±5 (X)
0±15 (W)
0.005 to 1
*Thermal resistance of the heat sink 1°C/W.
Available to use higher rated power with elevation of cooling effect.
Please keep temperature of element surface less than 60°C.
POWER DERATING CURVE
EXAMPLE OF APPLICATIONS
Motor Control Circuit Using Shunt Resistor
I=
VIN
R
Shunt Resistor
Current Buffer
VIN
1Vdd
2Vee
M
R
C.B.
i
2
1
PSB
Ultra Precision Shunt Resistor (40 Watts)
PSB
Caution
Please screw current terminals
>5N
⋅ m, voltage terminal >1N ⋅ m


Similar Part No. - PSB

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
logo
KOA Speer Electronics, ...
PSB KOA-PSB Datasheet
358Kb / 2P
chip type power shunt resistor
logo
Illinois Capacitor, Inc...
PSB ILLINOISCAPACITOR-PSB Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012 PMI-PSB-1012 Datasheet
71Kb / 2P
SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results

Similar Description - PSB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204 Datasheet
109Kb / 8P
Ultra Precision MELF Resistor
25-Feb-04
logo
IRC - a TT electronics ...
3810 IRCTT-3810 Datasheet
129Kb / 2P
Ultra-High Value Precision Resistor
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
Ultra Precision Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com