Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432 Datasheet (PDF) - Sipex Corporation

SPX432 Datasheet PDF - Sipex Corporation
Part # SPX432
Download  SPX432 Download
File Size   166.01 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra 1.24V Precision Adjustable Shunt Regulator

SPX432 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX432 Datasheet PDF - Sipex Corporation

Part # SPX432
Download  SPX432 Click to download

File Size   166.01 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra 1.24V Precision Adjustable Shunt Regulator

SPX432 Datasheet (HTML) - Sipex Corporation


SPX432 Product details

PRODUCT DESCRIPTION
The SPX432 is a 3-terminal Adjustable Shunt Voltage Regulator providing a highly accurate 1.24V bandgap reference with 0.5% tolerance. The SPX432 thermal stability, wide operating current (80mA) and temperature range (0°C to 105°C) makes it suitable for abroad range of applications. SPX432 tolerance of 0.5% is proven to be sufficient to overcome other errors in the system to virtually eliminate the need for trimming in the power supply manufactures assembly line and contribute a significant cost savings.

FEATURES
• Low Voltage Operation........................................ 1.24V
• Trimmed Bandgap to ...................................0.5%/ 1%
• Wide Operating Current ................... 1mA to 100mA
• Extended Temperature Range ...............0°C to 105°C
• Adjustable Output Voltage...........................VREF to 18V
• Low Temperature Coefficient ....................... 50 ppm/°C
• Offered in TO-92, SOIC, SOT-23-3, SOT-23-5
• Improved Replacement in Performance for TLV431

APPLICATIONS
• 3.0V to 3.3V Switching Power Supplies
• Adjustable Supplies
• Error Amplifiers
• Single Supply Amplifier
• Monitors / VCR / TV
• Personal Computers




Similar Part No. - SPX432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AM SIPEX-SPX432AM Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AM/TR SIPEX-SPX432AM/TR Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results


Similar Description - SPX432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com