Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1432 Datasheet (PDF) - Sipex Corporation

SPX1432 Datasheet PDF - Sipex Corporation
Part # SPX1432
Download  SPX1432 Download
File Size   99.64 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.24V Precision Adjustable Shunt Regulator

SPX1432 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1432 Datasheet PDF - Sipex Corporation

Part # SPX1432
Download  SPX1432 Click to download

File Size   99.64 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.24V Precision Adjustable Shunt Regulator

SPX1432 Datasheet (HTML) - Sipex Corporation


SPX1432 Product details

DESCRIPTION
The SPX1432 is a three terminal adjustable shunt voltage regulator that provides a highly accurate 1.24V bandgap reference with 0.5% accuracy, eliminating the need for trimming in most power supply designs. Offered in the tiny SOT-23 package, the SPX1432 has an extremely wide operating current range of 60uA to 100mA, and reference input current of only 100nA (typ). The SPX1432 can regulate outputs from VREF to 20V, using two external resistors, and is guaranteed over the extended commercial temperature range of 0°C to 105°C.

FEATURES
■ Reference Voltage: 1.24V
■ Initial Accuracy: 0.5%
■ Wide Operating Current, 60µA to 100mA
■ Ultra Low Reference Input Current, 100nA
■ Operating Voltage Range: VREF to 20V
■ 0°C to 105°C Guaranteed Operation
■ SOT-23-3 Package
■ Upgrade to LMV431, TLV431, SC431L

APPLICATIONS
■ Switching Power Supplies
■ Adjustable Supplies
■ Error Amplifiers
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
■ Voltage References




Similar Part No. - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1431 SIPEX-SPX1431 Datasheet
160Kb / 8P
Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
102Kb / 12P
Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
717Kb / 12P
Precision Adjustable Shunt Regulator
logo
Exar Corporation
SPX1431 EXAR-SPX1431 Datasheet
2Mb / 11P
Precision Adjustable Shunt Regulator
logo
Sipex Corporation
SPX1431M1 SIPEX-SPX1431M1 Datasheet
160Kb / 8P
Precision Adjustable Shunt Regulator
More results


Similar Description - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com