Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM1011-400
Description  L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-400 Datasheet(HTML) 1 Page - STMicroelectronics

  AM1011-400 Datasheet HTML 1Page - STMicroelectronics AM1011-400 Datasheet HTML 2Page - STMicroelectronics AM1011-400 Datasheet HTML 3Page - STMicroelectronics AM1011-400 Datasheet HTML 4Page - STMicroelectronics AM1011-400 Datasheet HTML 5Page - STMicroelectronics AM1011-400 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
September 1992
L-BAND AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .500 2LFL (S038)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
15:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 400 W MIN. WITH 8.0 dB GAIN
DESCRIPTION
The AM1011-400 device is a high power Class
C transistor specifically designed for TCAS and
Mode-S pulsed output and driver applications.
This device is designed for operation under moder-
ate pulse width and duty cycle pulse conditions
and is capable of withstanding 15:1 output VSWR
at rated RF conditions. Low RF thermal resistance
and computerized automatic wire bonding tech-
niques ensure high reliability and product consist-
ency.
The AM1011-400 is supplied in the BIGPAC
™ Her-
metic Metal/Ceramic package Input/Output match-
ing structures.
PIN CONNECTION
BRANDING
1011-400
ORDER CODE
AM1011-400
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 100°C)
880
W
IC
Device Current*
24
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.17
°C/W
*Applies only to rated RF amplifier operation
AM1011-400
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/6


Similar Part No. - AM1011-400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
logo
Advanced Semiconductor
AM1011-075 ASI-AM1011-075 Datasheet
83Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
AM1011-300 STMICROELECTRONICS-AM1011-300 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
09-Dec-1997
AM1011-500 STMICROELECTRONICS-AM1011-500 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
rev. A
More results

Similar Description - AM1011-400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2207 ADPOW-MS2207 Datasheet
114Kb / 3P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com