Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM1011-400
Description  L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-400 Datasheet(HTML) 3 Page - STMicroelectronics

  AM1011-400 Datasheet HTML 1Page - STMicroelectronics AM1011-400 Datasheet HTML 2Page - STMicroelectronics AM1011-400 Datasheet HTML 3Page - STMicroelectronics AM1011-400 Datasheet HTML 4Page - STMicroelectronics AM1011-400 Datasheet HTML 5Page - STMicroelectronics AM1011-400 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAXIMUM THERMAL RESISTANCE vs PULSE WIDTH & DUTY CYCLE
0
50
100
150
200
250
300
350
400
450
500
30
40
50
60
70
80
10
20
30
40
50
60
70
80
90
TYPICAL NARROWBAND
POWER AMPLIFIER
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
POWER INPUT (WATTS)
C
O
L
L
E
C
T
O
R
E
F
F
.
%
POWER INPUT (WATTS)
Freq
= 1090 MHz
VCC
= 50 V
PW
= 32 µsec
DC
= 2%
TA
= 25°C
TYPICAL NARROWBAND
POWER AMPLIFIER
η
C
POUT
0
10
20
30
40
50
60
70
80
90
100
30
40
50
60
70
80
30
35
40
45
50
TYPICAL RELATIVE OUTPUT & COLLEC-
TOR EFFICIENCY vs COLLECTOR VOLTAGE
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
COLLECTOR VOLTAGE (VOLTS)
C
O
L
L
E
C
T
O
R
E
F
F
.
%
COLLECTOR VOLTAGE (VOLTS)
Freq
= 1090 MHz
PIN
= 60 W
PW
= 32 µsec
DC
= 2%
TA
= 25°C
TYPICAL RELATIVE OUTPUT
POWER & COLLECTOR EFFICIENCY
vs COLLECTOR VOLTAGE
η
C
POUT
PULSE WIDTH (
µsec)
ΘJC
°C/W
TC <45
°C
PW
≤ 100 µsec; VCC = 50V
PW > 100
µsec; VCC < 50V
DC
= 2%
DC
= 10%
DC
= 4%
TYPICAL PERFORMANCE
AM1011-400
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com