Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLS962D Datasheet(PDF) 16 Page - Texas Instruments

Part # SLLS962D
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLLS962D Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLLS962D Datasheet HTML 12Page - Texas Instruments SLLS962D Datasheet HTML 13Page - Texas Instruments SLLS962D Datasheet HTML 14Page - Texas Instruments SLLS962D Datasheet HTML 15Page - Texas Instruments SLLS962D Datasheet HTML 16Page - Texas Instruments SLLS962D Datasheet HTML 17Page - Texas Instruments SLLS962D Datasheet HTML 18Page - Texas Instruments SLLS962D Datasheet HTML 19Page - Texas Instruments SLLS962D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TUSB9260
SLLS962D
– DECEMBER 2009 – REVISED MAY 2011
www.ti.com
5.3
Oscillator
XI should be tied to the 1.8-V clock source and XO should be left floating.
VSSOSC should be connected to the PCB ground plane.
A 40-MHz clock can be used.
Table 5-1. Oscillator Specification
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO = 1.8 V,
CXI
XI input capacitance
0.414
pF
TJ = 25°C
VIL
Low-level input voltage
0.35 x VDDR18
V
VIH
High-level input voltage
0.65 x VDDR18
V
Ttosc_i
Frequency tolerance
Operational temperature
–50
50
ppm
Tduty
Duty cycle
45
50
55
%
TR/TF
Rise/Fall time
20% - 80 %
6
ns
RJ
Reference clock RJ
JTF (1 sigma)(1)(2)
0.8
ps
TJ
Reference clock TJ
JTF (total p-p)(2)(3)
25
ps
Tp-p
Reference clock jitter
(absolute p-p)(4)
50
ps
(1)
Sigma value assuming Gaussian distribution
(2)
After application of JTF
(3)
Calculated as 14.1 x RJ + DJ
(4)
Absolute phase jitter (p-p)
5.4
Crystal
A parallel, 20-pF load capacitor should be used if a crystal source is used.
VSSOSC should not be connected to the PCB ground plane.
A 40-MHz crystal can be used.
Table 5-2. Crystal Specification
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Ttosc_i
Frequency tolerance
Operational temperature
–50
50
ppm
Frequency stability
1 year aging
–50
50
ppm
CL
Load capacitance
12
20
24
pF
16
CLOCK CONNECTIONS
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com