Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7016003 Datasheet(PDF) 5 Page - Norgren Ltd

Part # CS7016003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7016003 Datasheet(HTML) 5 Page - Norgren Ltd

  CS7016003 Datasheet HTML 1Page - Norgren Ltd CS7016003 Datasheet HTML 2Page - Norgren Ltd CS7016003 Datasheet HTML 3Page - Norgren Ltd CS7016003 Datasheet HTML 4Page - Norgren Ltd CS7016003 Datasheet HTML 5Page - Norgren Ltd CS7016003 Datasheet HTML 6Page - Norgren Ltd CS7016003 Datasheet HTML 7Page - Norgren Ltd CS7016003 Datasheet HTML 8Page - Norgren Ltd CS7016003 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
05/99
N/AL 9.12.001.05
M
Me
ettrriic
c T
Tu
ub
biin
ng
g a
an
nd
d H
Ho
os
se
e
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Product
O/D I/D
Wall
Min
Recommended
Number
tube tube thickness bend safe working
10m coils
size size
radius pressure (bar)
-200°C to +50°C
CS6004010 4
2,8
0,6
12
128
CS6005010 5
3,4
0,8
15
138
CS6006010 6
4,4
0,8
19
112
CS6008010 8
6,4
0,8
24
81
CS6010010 10
8,4
0,8
30
64
3
3m
m ssttrraaiigghhtt
CS6012003 12
9,6
1,2
40
81
CS6016003 16
13,6 1,2
48
59
CS6022003 22
19,0 1,5
67
53
CS6028003 28
25,0 1,5
86
41
The following technical information is valid for copper tube when used with compression fittings, see Section 9.5.
For further information please consult our Technical Service.
Copper Tubing
Standard Duty: Annealed
Manufactured to BS 2871: Part 2 with dimensions
generally to Table 4.
Tolerances on O/D are +0,00mm to –0,08mm.
The recommended safe working pressures are calculated in accordance with BS1306 with a stress
value of 41N/mm2 and minimum tube wall thickness. For safe working pressures at temperatures
other than -200°c to +50°C refer to Pressure De-rating Factor table below.
Copper Tubing Pressure De-rating Factor
For temperatures other than -200°C to +50°C
Tube
-200°C
+50°C
+100°C +150°C +175°C
to
to
to
to
to
+50°C
+100°C +150°C +175°C +200°C
Annealed 1,0
0,97
0,82
0,63
0,43
Half-hard 1,0
0,95
0,88
0,54
0,29
To calculate the working pressure at temperatures other than –200°C to +50°C multiply the
working pressure given in the appropriate table by the factor given in this table.e.g. Safe working
pressure of standard duty half-hard copper tube,
8 mm O/D at +120°C = 157 x 0,88 = 138 bar.
Product
O/D I/D
Wall
Min
Recommended
Number
tube tube thickness bend safe working
3m straight size size
radius pressure (bar)
-200°C to +50°C
CS7004003 4
2,8
0,6
12
193
CS7005003 5
3,4
0,8
15
208
CS7006003 6
4,0
1,0
19
218
CS7008003 8
6,0
1,0
24
157
CS7010003 10
7,6
1,2
30
150
CS7012003 12
9,6
1,2
40
122
CS7016003 16
13,6 1,2
48
89
CS7022003 22
19,0 1,5
67
81
CS7028003 28
25,0 1,5
86
62
Standard Duty: Half Hard
Manufactured to BS 2871: Part 2 with dimensions
generally to Table 4.
Tolerances on O/D are +0,00mm to –0,08mm.
The recommended safe working pressures are calculated in accordance with BS1306 with a
stress value of 62N/mm2 and minimum tube wall thickness. For safe working pressures at
temperatures other than -200°c to +50°C refer to Pressure De-rating Factor table below.
Product
Description
Number
M/3314
Tube cutter
39012061
Replacement blades
Tube Cutter - Plastic Tubing
Suitable for providing clean square cuts through 3mm to 19mm plastic tubing.
Cutter is provided with Norgren branding in corporate red colour.
79mm
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to
consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or
damage to equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com