Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7016003 Datasheet(PDF) 6 Page - Norgren Ltd

Part # CS7016003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7016003 Datasheet(HTML) 6 Page - Norgren Ltd

Back Button CS7016003 Datasheet HTML 2Page - Norgren Ltd CS7016003 Datasheet HTML 3Page - Norgren Ltd CS7016003 Datasheet HTML 4Page - Norgren Ltd CS7016003 Datasheet HTML 5Page - Norgren Ltd CS7016003 Datasheet HTML 6Page - Norgren Ltd CS7016003 Datasheet HTML 7Page - Norgren Ltd CS7016003 Datasheet HTML 8Page - Norgren Ltd CS7016003 Datasheet HTML 9Page - Norgren Ltd CS7016003 Datasheet HTML 10Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
06/97
N/AL 9.12.005.01
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
WeldTube
and Tube Strippers
q Available in a variety of colours in four tube sizes
q Outer cover protects against damage from weld
spatter
q Designed to be used with WeldFit push-in fittings
q Good flexibility with tight bend radius capability
q Good chemical resistance
q Flame retardant outer cover
Technical Data
Operating Medium:
Compressed Air, Water
(Consult our Technical Service for use with other fluids)
Operating Pressure:
Vacuum 10 bar
Working Temperature:
-30 °C to 70°C
Tube Sizes:
Inner tube 6, 8, 10, 12 mm O/D
Materials:
Inner tube:- Polyurethane, 95° shore A.
Outer tube:- Flame retardent PVC
Ordering Information
To order, quote the appropriate product number
from the tables on the following pages.
Metric
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com