Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM1011-500
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-500 Datasheet(HTML) 1 Page - STMicroelectronics

  AM1011-500 Datasheet HTML 1Page - STMicroelectronics AM1011-500 Datasheet HTML 2Page - STMicroelectronics AM1011-500 Datasheet HTML 3Page - STMicroelectronics AM1011-500 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
.400 x .600 2L FL (M198)
hermetically sealed
.
POUT
= 500 W MIN. WITH 8.5 dB MIN.
GAIN
.
10:1 LOAD VSWR CAPABILITY @ 10
µS.,
1% DUTY
.
SIXPAC
™ HERMETIC METAL/CERAMIC
PACKAGE
.
EMITTER SITE BALLASTED OVERLAY
GEOMETRY
.
REFRACTORY/GOLD METALLIZATION
.
LOW THERMAL RESISTANCE
.
INTERNAL INPUT/OUTPUT MATCHING
.
CHARACTERIZED UNDER 32
µS.,2%
DUTY CYCLE PULSE CONDITIONS
DESCRIPTION
The AM1011-500 device is a high power Class C
transistor specifically designed for L-Band Av-
ionic applications involving high pulse burst duty
cycles.
This device is capable of operation over a wide
range of pulse widths, duty cycles, and tempera-
tures. Low RF thermal resistance and computer-
ized automatic wire bonding techniques ensure
high reliability and product consistency.
The AM1011-500 is supplied in the SIXPAC
™
Hermetic metal/ceramic package with internal in-
put/output matching structures.
PIN CONNECTION
BRANDING
1011-500
ORDER CODE
AM1011-500
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 100°C)
1,360
W
IC
Device Current*
27
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.11
°C/W
*Applies only to rated RF amplifier operation
AM1011-500
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA


Similar Part No. - AM1011-500

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM1011-500 ASI-AM1011-500 Datasheet
41Kb / 1P
NPN RF POWER TRANSISTOR
More results

Similar Description - AM1011-500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com