Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM1011-500
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-500 Datasheet(HTML) 2 Page - STMicroelectronics

  AM1011-500 Datasheet HTML 1Page - STMicroelectronics AM1011-500 Datasheet HTML 2Page - STMicroelectronics AM1011-500 Datasheet HTML 3Page - STMicroelectronics AM1011-500 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL ECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 1090 MHz
PIN
= 70 W
VCC
= 50 V
500
——W
hc
f
= 1090 MHz
POUT
= 500 W
VCC
= 50 V
40
—
—
%
GP
f
= 1090 MHz
POUT
= 500 W
VCC
= 50 V
8.5
—
—
dB
Load
Mismatch
POUT
= 500 W Peak
VSWR
= 10:1, 10µS, 1% Duty
F
= 1090MHz
VSWR
= 5:1, 32µS, 2% Duty
VCC
= 50 V
No Degradation in Output
Power
Note:
Pul se Width
= 32µSec, Duty Cycle = 2%
STATIC
Symbol
Test Conditio ns
Value
Un it
Mi n.
Typ .
Max.
BVCBO
IC
= 50 mA
IE
= 0mA
70
—
—
V
BVEBO
IE
= 30 mA
IC
= 0mA
3.0
—
—
V
BVCES
IC
= 50 mA
VBE
= 0V
70
—
—
V
ICES
VBE
= 0V
VCE
= 50 V
—
—
40
mA
hFE
VCE
= 5V
IC
= 1.0 A
10
—
200
—
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT & COLLECTOR
EFFICIENCY vs POWER INPUT
POUT
ηC
POWER OUTPUT & COLLECTOR
EFFICIENCY vs POWER INPUT
ηC
POUT
* Pulse Burst conditions:
128
µSec train, 0.5 µSec on,
0.5
µSec off; with a period of 6.4 msec.
AM1011-500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com