Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5985
Description  2A step-down switching regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5985 Datasheet(HTML) 1 Page - STMicroelectronics

  L5985 Datasheet HTML 1Page - STMicroelectronics L5985 Datasheet HTML 2Page - STMicroelectronics L5985 Datasheet HTML 3Page - STMicroelectronics L5985 Datasheet HTML 4Page - STMicroelectronics L5985 Datasheet HTML 5Page - STMicroelectronics L5985 Datasheet HTML 6Page - STMicroelectronics L5985 Datasheet HTML 7Page - STMicroelectronics L5985 Datasheet HTML 8Page - STMicroelectronics L5985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
October 2007
Rev 2
1/36
1
L5985
2A step-down switching regulator
Features
■ 2A DC output current
■ 2.9V to 18V input voltage
■ Output voltage adjustable from 0.6V
■ 250KHz switching frequency, programmable
up to 1MHz
■ Internal Soft-start and Inhibit
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Over current and thermal protection
■ VQFN3x3-8L package
Applications
■ Consumer:
STB, DVD, DVD recorder, car audio, LCD TV
and monitors
■ Industrial:
Chargers, car battery, PLD, PLA, FPGA
■ Networking: XDSL, modems, DC-DC modules
■ Computer:
Optical storage, hard disk drive, printers,
audio/graphic cards
Description
The L5985 is a step down switching regulator with
2.5A current limited embedded power MOSFET,
so it is able to deliver up to 2A DC current to the
load depending on the application condition.
The input voltage can range from 2.9V to 18V,
while the output voltage can be set starting from
0.6V to VIN. Having a minimum input voltage of
2.9V, the device is suitable for buses staring from
for 3.3V bus.
Requiring a minimum set of external components,
the device includes an internal 250KHz switching
frequency oscillator that can be externally
adjusted up to 1MHz.
The QFN package with exposed pad allows
reducing the RthJA down to approximately
60°C/W.
VFQFPN8 3x3
www.st.com
Figure 1.
Application circuit


Similar Part No. - L5985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
L5985TR STMICROELECTRONICS-L5985TR Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
L5985 STMICROELECTRONICS-L5985_08 Datasheet
971Kb / 37P
2 A step-down switching regulator
16-Sep-2008
More results

Similar Description - L5985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B Datasheet
770Kb / 18P
16V 2A Step-Down Switching Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com