Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA445 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments OPA445 Datasheet HTML 11Page - Texas Instruments OPA445 Datasheet HTML 12Page - Texas Instruments OPA445 Datasheet HTML 13Page - Texas Instruments OPA445 Datasheet HTML 14Page - Texas Instruments OPA445 Datasheet HTML 15Page - Texas Instruments OPA445 Datasheet HTML 16Page - Texas Instruments OPA445 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
www.ti.com
Time(1 s/div)
m
20
15
10
5
0
-5
-10
-15
-20
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
V
IN
V (Noninverting)
2
V (Inverting)
1
Time(1 s/div)
m
OUT
StatusFlag
Enable
Time(1 s/div)
m
OUT
StatusFlag
Enable
Time(1 s/div)
m
OUT
StatusFlag
Enable
0
3
4
1
2
5
V
(V)
ENABLE
10
0
-10
-20
-30
-40°C
+25 C
°
+85 C
°
-75
0
-50
-25
25
75
100
125
Temperature( C)
°
1.00
0.95
0.90
0.85
0.80
0.75
0.70
50
OPA454
SBOS391 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TP = +25°C, VS = ±50V, and RL = 4.8kΩ connected to GND, unless otherwise noted.
SETTLING TIME, NEGATIVE STEP
(20V Step, Gain = 1, RF = 10kΩ)
(7) (8)
ENABLE RESPONSE TIME
Figure 42.
Figure 43.
DISABLE RESPONSE TIME
ENABLE RESPONSE
Figure 44.
Figure 45.
IENABLE vs VENABLE
ENABLE/DISABLE THRESHOLD vs TEMPERATURE
Figure 46.
Figure 47.
(7)
See the Settling Time section.
(8)
The grid for voltage at V1 and V2 is scaled 20mV or 0.1% per division.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com