Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA445 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 17Page - Texas Instruments OPA445 Datasheet HTML 18Page - Texas Instruments OPA445 Datasheet HTML 19Page - Texas Instruments OPA445 Datasheet HTML 20Page - Texas Instruments OPA445 Datasheet HTML 21Page - Texas Instruments OPA445 Datasheet HTML 22Page - Texas Instruments OPA445 Datasheet HTML 23Page - Texas Instruments OPA445 Datasheet HTML 24Page - Texas Instruments OPA445 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
POWER DISSIPATION
HEATSINKING
T =T +P q
J
A
D
JA
(1)
0
0.5
1.0
1.5
2.0
2.5
3.0
CopperArea(inches ),2oz
2
60
50
40
30
20
10
0
OPA454
R
100kW
1
ComplianceVoltageRange=+47V, 48V
-
+50V
R
10kW
2
R3
100kW
R
9.9kW
4
-50V
R
100W
5
I
L
R
L
I =[(V - V )/R ](R /R )
=(V
V )/1k
-
W
L
5
2
1
2
1
2
1
V
2
V
1
-IN
+IN
V-
V+
V
OUT
OPA454
SBOS391 – DECEMBER 2007
Power dissipation depends on power supply, signal,
Power dissipated in the OPA454 causes the junction
and load conditions. For dc signals, power dissipation
temperature to rise. For reliable operation, junction
is equal to the product of the output current times the
temperature should be limited to +125
°C, maximum.
voltage across the conducting output transistor,
Maintaining a lower junction temperature always
PD = IL (VS – VO). Power dissipation can be
results in higher reliability. Some applications require
minimized by using the lowest possible power-supply
a heatsink to assure that the maximum operating
voltage necessary to assure the required output
junction
temperature
is
not
exceeded.
Junction
voltage swing.
temperature
can
be
determined
according
to
Equation 1:
For resistive loads, the maximum power dissipation
occurs at a dc output voltage of one-half the
power-supply voltage. Dissipation with ac signals is
Package thermal resistance,
θ
JA,
is affected by
lower because the root-mean square (RMS) value
mounting techniques and environments. Poor air
determines heating. Application Bulletin SBOA022
circulation and use of sockets can significantly
explains how to calculate or measure dissipation with
increase
thermal
resistance
to
the
ambient
unusual loads or signals. For constant current source
environment. Many op amps placed closely together
circuits, maximum power dissipation occurs at the
also increase the surrounding temperature. Best
minimum output voltage, as Figure 69 shows.
thermal performance is achieved by soldering the op
amp onto a circuit board with wide printed circuit
The OPA454 can supply output currents of 25mA and
traces to allow greater conduction through the op
larger. Supplying this amount of current presents no
amp leads. Increasing circuit board copper area to
problem for some op amps operating from ±15V
approximately 0.5in2 decreases thermal resistance;
supplies. However, with high supply voltages, internal
however, minimal improvement occurs beyond 0.5in2,
power dissipation of the op amp can be quite high.
as shown in Figure 70.
Operation from a single power supply (or unbalanced
power supplies) can produce even greater power
For additional information on determining heatsink
dissipation because a large voltage is impressed
requirements, consult Application Bulletin SBOA021
across the conducting output transistor. Applications
(available for download at www.ti.com).
with high power dissipation may require a heatsink, or
heat spreader.
Figure 70. Thermal Resistance versus Circuit
Board Copper Area
NOTE: R1 = R3 and R2 = R4 + R5.
Figure 69. Precision Voltage-to-Current Converter
with Differential Inputs
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com