Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3ATPFPEP Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB41BA3ATPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41BA3ATPFPEP Datasheet(HTML) 2 Page - Texas Instruments

  TSB41BA3ATPFPEP Datasheet HTML 1Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
TSB41BA3A-EP
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SGLS253B—OCTOBER 2004—REVISED MAY 2011
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information
The TSB41BA3A-EP provides the digital and
analog transceiver functions needed to imple-
ment a three-port node in a cable-based IEEE
1394 network. Each cable port incorporates two
differential line transceivers. The transceivers
include circuitry to monitor the line conditions as
needed for determining connection status, for
initialization and arbitration, and for packet
reception and transmission. The TSB41BA3A-EP
interfaces with a link-layer controller (LLC), such
as the TSB82AA2, TSB12LV21, TSB12LV26,
TSB12LV32,
TSB42AA4,
TSB42AB4,
TSB12LV01B, or TSB12LV01C. It can also be
connected via cable port to an integrated 1394
Link + PHY layer such as the TSB43AB2.
The TSB41BA3A-EP is powered by a single 3.3-V supply. The core voltage supply is supplied by an internal
voltage regulator to the PLLVDD-CORE and DVDD-CORE terminals. To protect the phase-locked loop (PLL)
from noise, the PLLVDD-CORE terminals must be separately decoupled from the DVDD-CORE terminals. The
PLLVDD-CORE terminals are decoupled with 1-μF and smaller decoupling capacitors and the DVDD-CORE
terminals are separately decoupled with 1-μF and smaller decoupling capacitors. The separation between
DVDD-CORE and PLLVDD-CORE must be implemented by separate power supply rails or planes.
The TSB41BA3A-EP may be powered by dual supplies, a 3.3-V supply for I/O and a core voltage supply. The
core voltage supply to the PLLVDD-CORE and DVDD-CORE terminals must meet the requirements in the
recommended operating conditions section of this data sheet. The PLLVDD-CORE terminals must be
separated from the DVDD-CORE terminals, the PLLVDD-CORE terminals are decoupled with 1-μF and smaller
decoupling capacitors, and the DVDD-CORE terminals separately decoupled with 1-μF and smaller decoupling
capacitors. The separation between DVDD-CORE and PLLVDD-CORE can be implemented by separate power
supply rails, or by a single power supply rail, where the DVDD-CORE and PLLVDD-CORE are separated by
a filter network to keep noise from the PLLVDD-CORE supply.
The TSB41BA3A-EP requires an external 49.152-MHz crystal to generate a reference clock. The external clock
drives an internal phase-locked loop (PLL), which generates the required reference signal. This reference signal
provides the clock signals that control transmission of the outbound encoded information. A 49.152-MHz clock
signal is supplied by the PHY to the associated LLC for synchronization of the two devices and is used for
resynchronization of the received data when operating the PHY-link interface in compliance with the IEEE
1394a-2000 standard. A 98.304-MHz clock signal is supplied by the PHY to the associated LLC for
synchronization of the two devices when operating the PHY-link interface in compliance with the
IEEE 1394b-2002 standard. The power down (PD) function, when enabled by asserting the PD terminal high,
stops operation of the PLL.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40°C to 110°C
PQFP − PFP
Tray
TSB41BA3ATPFPEP
TSB41B3ATEP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
D Supports Connection to CAT5 Cable
Transceiver by Allowing Ports to be Forced
to Beta-Only S100 Mbps
D Supports Connection to S200 Plastic
Optical Fiber Transceivers by Allowing
Ports to be Forced to 1394b Beta-Only S200
Mbps and Beta-Only S100 Mbps
D Optical Signal Detect Input for All Ports in
Beta Mode Enables Connection to Optical
Transceivers
D Supports Use of 1394a Connectors by
Allowing Ports 1 and 2 to Be Forced to
1394a-Only Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com