Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3ATPFPEP Datasheet(PDF) 39 Page - Texas Instruments

Part # TSB41BA3ATPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41BA3ATPFPEP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB41BA3ATPFPEP Datasheet HTML 35Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 36Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 37Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 38Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 39Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 40Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 41Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
TSB41BA3A-EP
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SGLS253B—OCTOBER 2004—REVISED MAY 2011
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
LLC service request (continued)
To send an acknowledge packet, the LLC must issue an immediate bus request (ImmReq) during the reception
of the packet addressed to it. This is required in order to minimize the idle gap between the end of the received
packet and the start of the transmitted acknowledge packet. As soon as the receive packet ends, the PHY
immediately grants control of the bus to the LLC. The LLC sends an acknowledgment to the sender unless the
header CRC of the received packet is corrupted. In this case, the LLC does not transmit an acknowledge, but
instead cancels the transmit operation and releases the interface immediately; the LLC must not use this grant
to send another type of packet. After the interface is released, the LLC can proceed with another request.
The LLC can make only one bus request at a time. Once the LLC issues any request for bus access (ImmReq,
IsoReq, FairReq, or PriReq), it cannot issue another bus request until the PHY indicates that the bus request
was lost (bus arbitration lost and another packet received), or won (bus arbitration won and the LLC granted
control). The PHY ignores new bus requests while a previous bus request is pending. All bus requests are
cleared on a bus reset.
For write register requests, the PHY loads the specified data into the addressed register as soon as the request
transfer is complete. For read register requests, the PHY returns the contents of the addressed register to the
LLC at the next opportunity through a status transfer. If a received packet interrupts the status transfer, then the
PHY continues to attempt the transfer of the requested register until it is successful. A write or read register
request can be made at any time, including while a bus request is pending. Once a read register request is made,
the PHY ignores further read register requests until the register contents are successfully transferred to the LLC.
A bus reset does not clear a pending read register request.
The TSB41BA3A-EP includes several arbitration acceleration enhancements, which allow the PHY to improve
bus performance and throughput by reducing the number and length of interpacket gaps. These enhancements
include autonomous (fly-by) isochronous packet concatenation, autonomous fair and priority packet
concatenation onto acknowledge packets, and accelerated fair and priority request arbitration following
acknowledge packets. The enhancements are enabled when the EAA bit in PHY register 5 is set.
The arbitration acceleration enhancements may interfere with the ability of the cycle master node to transmit
the cycle start message under certain circumstances. The acceleration control request is therefore provided
to allow the LLC to temporarily enable or disable the arbitration acceleration enhancements of the
TSB41BA3A-EP during the asynchronous period. The LLC typically disables the enhancements when its
internal cycle counter rolls over indicating that a cycle start message is imminent, and then re-enables the
enhancements when it receives a cycle start message. The acceleration control request can be made at any
time, however, and is immediately serviced by the PHY. Additionally, a bus reset or isochronous bus request
causes the enhancements to be re-enabled, if the EAA bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com