Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3521 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3521
Description  PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3521 Datasheet(HTML) 2 Page - Unisonic Technologies

  3521 Datasheet HTML 1Page - Unisonic Technologies 3521 Datasheet HTML 2Page - Unisonic Technologies 3521 Datasheet HTML 3Page - Unisonic Technologies 3521 Datasheet HTML 4Page - Unisonic Technologies 3521 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3521
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-034,B
PIN CONFIGURATION
V33
V5
V12
PT
GND
CT
C1
C2
VADJ
OPNEGIN
OPOUT
DET
PG
TPG
REM
VCC
UTC
3521
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PIN DESCRIPTION
PIN NO.
PIN NAME
TYPE
FUNCTIONS
1
V33
I
OVP/UVP INPUT FOR 3.3V
2
V5
I
OVP/UVP INPUT FOR 5V
3
V12
I
OVP/UVP INPUT FOR 12V
4
PT
I
ADDITIONAL OVP PROTECTION
5
GND
P
GROUND
6
CT
CAP FOR OSCIILATION FREQUENCY
7
C1
O
OUTPUT 1
8
C2
O
OUTPUT 2
9
REM
I
REMOTE ON/OFF PIN.
10
TPG
POWER GOOD DELAY TIME SETTING
11
PG
O
POWER GOOD SIGNAL OUT.
12
DET
I
POWER GOOD SIGNAL DETECTION INPUT
13
VCC
P
SUPPLY VOLTAGE FOR IC
14
OPOUT
O
OP AMP OUTPUT
15
OPNEGIN
I
OP AMP NEGATIVE INPUT
16
VADJ
I
VOLTAGE ADJUST PIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com