Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3521 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3521
Description  PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3521 Datasheet(HTML) 1 Page - Unisonic Technologies

  3521 Datasheet HTML 1Page - Unisonic Technologies 3521 Datasheet HTML 2Page - Unisonic Technologies 3521 Datasheet HTML 3Page - Unisonic Technologies 3521 Datasheet HTML 4Page - Unisonic Technologies 3521 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3521
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-034,B
PWM CONTROLLER WITH
SUPERVISORY CIRCUIT FOR
SWITCHING POWER SUPPLY
DESCRIPTION
UTC 3521 PWM controller is designed for switching mode power
supply for PCs etc. It provides all the functions similar to
combinations of industrial 494 plus UTC 3510 circuits.
FEATURES
* Over-voltage protection for 3.3V, 5V and 12V with delay
* Under-voltage detection for 3.3V, 5V and 12V with delay
* Remote ON/OFF function
* Power good circuitry for PCs.
DIP-16
*Pb-free plating product number: 3521L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
3521-D16-T
3521L-D16-T
DIP-16
Tube
3521L-D16-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) D16: DIP-16
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 3521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
logo
Lumberg
3521 LUMBERG-3521 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3521 LUMBERG-3521 Datasheet
550Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
More results

Similar Description - 3521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1543 TI-UC1543 Datasheet
455Kb / 6P
Power Supply Supervisory Circuit
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
POWER SUPPLY SUPERVISORY CIRCUIT
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
logo
Texas Instruments
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
Power Supply Supervisory Circuit
UC1544N TI-UC1544N Datasheet
1Mb / 20P
Power Supply Supervisory Circuit
logo
Unisonic Technologies
3521 UTC-3521_15 Datasheet
210Kb / 6P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
Power Supply Supervisory Circuit
logo
Shenzhen Winsemi Microe...
WS2293B WINSEMI-WS2293B Datasheet
381Kb / 9P
Switching Mode Power Supply PWM Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com