Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7991AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF7991AT
Description  Advanced Basestation IC, ABIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7991AT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF7991AT Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Philips Semiconductors
Product Profile
PCF7991AT
May 1998
Advanced Basestation IC, ABIC
Features
• Extended system operating range due to powerful
AM/PM demodulation technique
• Ideally suited for "Intelligent Antenna" and "Active
Antenna" architectures
• High antenna drive capabilities, CW: 200mAp
• Low antenna driver output resistance, 3.5 Ω
• Excellent receiver sensitivity, 2mVpp
• Large receiver dynamic range
• Programmable clock divider, modulator, receiver
gain and filter characteristics
• Fast "read after write" receiver settling
characteristics
• On-chip receive EMI filter
• Antenna failure mode detection
• Few external components
• Operating supply voltage: 4.5 to 5.5 V
• Power down mode: 7µA @ 5.5 V
• 14-pin SO package
General Description
The PCF7991 is a highly integrated and powerful
advanced basestation IC, ABIC, ideally suited for
vehicle immobilisation applications. The device
incorporates all necessary functions to facilitate reading
and writing of transponders.
The ABIC, PCF7991 employs a unique AM/PM
demodulation technique that extends the system
operating range compared with simple envelope
detection.
Optimised to operate with the Philips transponder family
(PCF79xx), the ABIC can be used in combination with
commonly available transponder that employ ASK
modulation. ASK modulation and receive characteristics
are widely programmable for powerful system
adaptation. The ABIC fits "Intelligent Antenna" as well
as "Active Antenna" applications.
The carrier frequency can be derived from an on-chip
oscillator or an external clock source. A wide range of
clock frequencies can be applied due to the
programmable on-chip clock divider circuitry.
The device enables system diagnostic functions by
antenna fail detection features.
Communication with the device and the transponder is
provided via the serial microcontroller interface.
Employing CMOS technology, the device features low
power operation and supports Idle and Powerdown
modes.
Minimum Application Circuitry
Modulation
Pulse Gen.
Antenna
Driver
Synchron
Demodulator
SC Filter
Amplifier
Control
Unit
Clk Divider
Timing
Oscillator
Serial
Interface
Register
DIN
CLK
DOUT
XTAL2
XTAL1
RX
TX1
TX2
VDD
VSS
QGND
CEXT
EMI
Filter
PCF 7991
4.5 ... 5.5 V
To microcontroller


Similar Part No. - PCF7991AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF7991AT ETC2-PCF7991AT Datasheet
109Kb / 19P
Fully integrated single chip basestation
More results

Similar Description - PCF7991AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB9500 INFINEON-PMB9500 Datasheet
2Mb / 2P
3G Basestation Pro cessor
2004-01-01
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
Advanced AS-Interface IC
logo
EPCOS
B5107 EPCOS-B5107 Datasheet
56Kb / 6P
SAW RF filter Basestation
B5113 EPCOS-B5113 Datasheet
59Kb / 6P
SAW RF filter Basestation
B5117 EPCOS-B5117 Datasheet
46Kb / 6P
SAW RF filter Basestation
B5124 EPCOS-B5124 Datasheet
67Kb / 7P
SAW RF filter Basestation
logo
International Rectifier
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
ADVANCED SMARTRECTIFIER CONTROL IC
logo
List of Unclassifed Man...
PCF7991AT ETC2-PCF7991AT Datasheet
109Kb / 19P
Fully integrated single chip basestation
logo
Analog Devices
HMC976LP3E AD-HMC976LP3E Datasheet
1Mb / 12P
Basestation Infrastructure
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
Advanced Power Control IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com