Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM4880-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM4880-SH2-R Datasheet HTML 1Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 2Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-033,B
TYPICAL APPLICATION
+
+
1
7
OUT A
OUT B
Shutdown
Bypass
IN B
6
3
5
2
+
+
-
+
-
Bias
+
IN A
GND
+
4
8
20k
Ri
Audio
Input
Audio
Input
20kΩ
Ri
VDD/2
50kΩ
0.1μF
CS
20kΩ
R F
+
VDD
*Co
8Ω or
R L
Ω
32
50kΩ
*Co
32
Ω
CB
1.0 F
μ
*Ci
*Ci
20kΩ
RF
8Ω or
RL
Ω
Figure 1.Typical Audio Amplifier Application Circuit
15kΩ
15kΩ
EXTERNAL COMPONENTS DESCRIPTION (Figure 1)
COMPONENTS
FUNCTIONAL DESCRIPTION
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with RF. This resistor
also forms a high pass filter with Ci at fc = 1/(2πRiCi).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also
creates a high pass filter with Ri at fc = 1/(2πRiCi).
3.
RF
Feedback resistance which sets closed-loop gain in conjunction with Ri.
4.
Cs
Supply bypass capacitor which provides power supply filtering.
5.
CB
Bypass pin capacitor which provides half-supply filtering.
6.
CO
Output coupling capacitor which blocks the DC voltage at the amplifier’s output. Forms a high
pass filter with RL at fo = 1/(2πRLCo).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com