Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880-SH2-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LM4880-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880-SH2-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LM4880-SH2-R Datasheet HTML 3Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 9Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 10Page - Unisonic Technologies LM4880-SH2-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R502-033,B
TYPICAL CHARACTERISTICS(Cont.)
20
-140.0
0.0
Frequency (Hz)
100
10k 20k
Channel Separation
Channel B to A
1k
-120.0
-100.0
-80.00
-60.00
-40.00
-20.00
Channel A to B
20
100.0
0.0
Frequency (Hz)
100
10k 20k
Output Attenuatin in Shutdown Mode
1k
90.00
80.00
70.00
60.00
40.00
20.00
50.00
30.00
10.00
Ri=RF=20KΩ
20
Frequency (Hz)
100
10k 20k
Noise Floor
1k
1m
Power Supply Rejection Ratio
10
100
1k
10k
0
10
20
30
40
50
60
70
100k
Frequency (Hz)
Open Loop Frequency Response
10
100
1k
10k 100k
1M
0
20
40
60
80
100
10M
Frequency (Hz)
100M
0
45
90
135
180
22
5
Supply Current vs Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Supply Voltage (V)
5.5
4.5
5.0
0dB=1.3Vrms
RF =20kΩ
100μ
10 μ
1μ
BW<22kHz
CB
=1
.0μ
F I
I W
0.1
μ
F
CB=0.1μF
VPIN3=2.5V(FORCED)
C
B=
1.0
μF
II 0
.1
μ
F
VPIN5 =0V
RL=
R=RF=10kΩ
i
R =10k Ω
i
0dB=200mW
GV=1
V DD =5.0V
L
R=8Ω
VPIN3=5.0V
POUT =200mW
RL=8Ω
CB=1.0μF
RL=8Ω
GV=1
Gain
Phase
VRIPPLE=200mVrms
0dB=200mVrms
VDD =5.0V
R=8Ω
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com