Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40021 Datasheet(PDF) 11 Page - Presto International UK Limited

Part # 40021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

40021 Datasheet(HTML) 11 Page - Presto International UK Limited

Back Button 40021 Datasheet HTML 7Page - Presto International UK Limited 40021 Datasheet HTML 8Page - Presto International UK Limited 40021 Datasheet HTML 9Page - Presto International UK Limited 40021 Datasheet HTML 10Page - Presto International UK Limited 40021 Datasheet HTML 11Page - Presto International UK Limited 40021 Datasheet HTML 12Page - Presto International UK Limited 40021 Datasheet HTML 13Page - Presto International UK Limited 40021 Datasheet HTML 14Page - Presto International UK Limited 40021 Datasheet HTML 15Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
presto-tools.com
11
ISO BSP Taps
Series #
Standard
Material
Type
Size Range
Surface
60600
ISO 2284
HSS
Straight BSP
1/8" - 2.1/2"
P0 Bright
60610
Spiral Point BSP
1/8" - 3/4"
P1 Steam
60620
Spiral Flute BSP
1/8" - 3/4"
P0 Bright
60680
Straight BSPT
1/8" - 2"
P0 Bright
ANSI NPT Taps
Series #
Standard
Material
Type
Size Range
Surface
60750
ANSI 94.9
HSS
Straight NPT
1/16" - 2"
P0 Bright
60760
Straight NPTF
1/8" - 1.1/4"
P0 Bright
ISO Fluteless Roll Taps
Series #
Standard
Material
Type
Size Range
Surface
69000
ISO 529
HSS
Metric ROLL
M2 - M12
P0 Bright
69010
UNC ROLL
No.2 - 1/2"
P0 Bright
69030
BSW ROLL
1/4" - 3/8"
P0 Bright
ISO BSF Taps
Series #
Standard
Material
Type
Size Range
Surface
60400
ISO 529
HSS
Straight
3/16" - 2.1/2"
P0 Bright
60420
Spiral Flute
3/16" - 1"
P0 Bright
ISO BA Fine Taps
Series #
Standard
Material
Type
Size Range
Surface
60500
ISO 529
HSS
Straight
No.12 - No.0
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com