Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40021 Datasheet(PDF) 16 Page - Presto International UK Limited

Part # 40021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

40021 Datasheet(HTML) 16 Page - Presto International UK Limited

Back Button 40021 Datasheet HTML 12Page - Presto International UK Limited 40021 Datasheet HTML 13Page - Presto International UK Limited 40021 Datasheet HTML 14Page - Presto International UK Limited 40021 Datasheet HTML 15Page - Presto International UK Limited 40021 Datasheet HTML 16Page - Presto International UK Limited 40021 Datasheet HTML 17Page - Presto International UK Limited 40021 Datasheet HTML 18Page - Presto International UK Limited 40021 Datasheet HTML 19Page - Presto International UK Limited 40021 Datasheet HTML 20Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
PRODUCT GUIDE
Normal Series Slot Drills
Series #
Standard
Material
Shank Type
Size Range
Surface
30131
BS 122/4
HSS
Screw
1.5mm - 50.0mm
1/16” - 2”
P0 Bright
30201
HSCo
Plain
1.5mm - 40.0mm
1/16” - 1.1/2”
30206
P6 TiCN
30221
Screw
P0 Bright
30226
P6 TiCN
Throwaway Tri-Cutters Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
33011
DIN 6527
HSCo
Flatted
1.0mm - 6.0mm
1/16” - 1/4”
P0 Bright
33016
P6 TiCN
Long Series Slot Drills
Series #
Standard
Material
Shank Type
Size Range
Surface
31131
BS 122/4
HSS
Screw
2.0mm - 50.0mm
1/16” - 2”
P0 Bright
31301
HSCo
Plain
2.0mm - 32.0mm
1/16” - 1.1/4”
31321
Screw
Ball Nose Cutters Normal Series
Series #
Standard
Material
Shank Type
Size Range
Surface
48131
BS 122/4
HSS
Plain
2.0mm - 25.0mm
1/16” - 1”
P0 Bright
48151
Screw
2.0mm - 25.0mm
1/16” - 1.1/2”
Short Series Tricutters
Series #
Standard
Material
Shank Type
Size Range
Surface
35131
Factory Std
HSCo
Screw
3/8” - 1”
P0 Bright
Ball Nose Cutters Long Series
Series #
Standard
Material
Shank Type
Size Range
Surface
48191
BS 122/4
HSS
Screw
3.0mm - 20.0mm
1/16” - 1.1/2”
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com