Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLMN94X2 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SPLMN94X2
Description  Passively Cooled Diode Laser Bar, 40 W cw at 940 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLMN94X2 Datasheet(HTML) 6 Page - OSRAM GmbH

  SPLMN94X2 Datasheet HTML 1Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 2Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 3Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 4Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 5Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 6Page - OSRAM GmbH SPLMN94X2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPL MN94X2
2007-07-18
6
Maßzeichnung
Package Outlines
Maße in mm (Zoll) / Dimensions in mm (inch).
Allgemeintoleranz / General Tolerance: +/- 0.2 mm (0.008 inch)
GDOY7030
12.45 (0.490)
M3 (Cathode)
18.5 (0.728)
24.9 (0.980)
3.2 (0.126)
4 x ø4.4 (0.173)
ø2.8 (0.110)
depth 2.4 (0.094)
M2
(Shorting place)
7.9 (0.311)
Optical beam
Anode
+
-
M2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com