Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR5596L-S08-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR5596L-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UR5596
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R502-045,B
PIN DESCRIPTIONS
AVIN , PVIN
Input supply pins
. AVIN is used to supply all the internal analog circuits and PVIN is used to provide the output stage
to create VTT. These pins have the capability to work off separate supplies depending on the application. Higher
voltages on PVIN will increase the maximum continuous output current because of output RDSON limitations at
voltages close to VTT. But the internal power loss will also increase, thermally limiting the design. If the junction
temperature exceeds the thermal shutdown than the part will enter a shutdown state identical to the manual
shutdown where VTT is tri-stated and VREF remains active.
For SSTL-2 applications, a good compromise would be to connect the AVIN and PVIN directly together at 2.5V. This
eliminates the need for bypassing the two supply pins separately. The only limitation on input voltage selection is
that PVIN must be equal to or lower than AVIN. It is recommended to connect PVIN to voltage rails equal to or less
than 3.3V to prevent the thermal limit from tripping because of excessive internal power dissipation.
VDDQ
The input pin used to create the internal reference voltage from a resistor divider of two internal 50kΩ resistors for
regulating VTT and to guarantee VTT will track VDDQ/2 precisely. As a remote sense by connecting VDDQ directly to the
2.5V rail for SSTL-2 applications is an optimal implementation of VDDQ at the DIMM. This ensures that the reference
voltage tracks the DDR memory rails precisely without a large voltage drop from the power lines.
VSENSE
The sense pin supply improved remote load regulation, if remote load regulation is not used then the VSENSE pin
must still be connected to VTT. A long trace will cause a significant IR drop resulting in a termination voltage lower at
one end of the bus than the other. Connect VSENSE pin to the middle of the bus to provide a better distribution across
the entire termination bus then DDR performance will be improved. Take notice of when a long VSENSE trace is
implemented in close proximity to the memory, noise pickup in the VSENSE trace can cause problems with precise
regulation of VTT. A ceramic capacitor of 0.1uF is placed to next the VSENSE pin can help filter any high frequency
signals and preventing errors.
VREF
VREF supply the buffered output of the internal reference voltage VDDQ/2. This output delivers the reference voltage
for the Northbridge chipset and memory. Since these inputs are typically extremely high impedance, there should be
little current drawn from VREF. A 0.1µF~0.01µF ceramic capacitor could be used to acquire better performance,
located close to the pin to help with noise. This output remains active during the shutdown state and thermal
shutdown events for the suspend to RAM functionality.
VTT
VTT is a regulated output for the bus resistors termination of DDR-SDRAM. It can track precisely the VDDQ/2
voltage with the sinking and sourcing current capability. The UTC UR5596 is designed to handle peak transient
currents of up to ± 3A with a fast transient response. If a transient is expected to remain above the maximum
continuous current rating for a significant amount of time then the output capacitor size should be large enough to
prevent an excessive voltage drop.
Although UTC UR5596 can handle large transient output currents, but it can not handling these for long durations
since the limited thermal dissipation capability of SOP-8 package. If large currents are required for longer durations,
then must ensure the maximum junction temperature is not exceeded, otherwise, the maximum output current will be
degraded with heating. Proper thermal de-rating should always be used. While the temperature beyond the junction
temperature, the thermal shutdown protection will be functioned, then VTT will tri-state until the part returns below the
hysteretic trigger point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com