Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UR5596L-S08-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UR5596L-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 9Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 10Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 11Page - Unisonic Technologies UR5596L-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UR5596
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-045,B
TYPICAL APPLICATION CIRCUITS(Cont.)
Figure 3 illustrate another application that the power rails are split when power dissipation or efficiency are
concerned. The output stage (PVIN) can be as lower as 1.8V, and the analog circuitry (AVIN) can be connected to a
higher rail such as 2.5V, 3.3V or 5V. This allows the internal power dissipation to be lowered when sourcing current
from VTT, but the disadvantage of this circuit is the maximum continuous current is reduced.
+
+
+
VTT
VDDQ
VSENSE
VREF
GND
SHDN
AVIN
PVIN
CIN
SHDN
VDDQ=2.5V
AVIN=2.2V ~ 5.5V
COUT
CREF
VREF=1.25V
VTT=1.25V
UTC UR5596
PVIN=1.8V
Figure 3. Lower Power Dissipation SSTL-2 Implementation
The third optional application is that PVIN connect to 3.3V and AVIN will be always limited to operation on the 3.3V
or 5V to always equal or higher than PVIN. This configuration has the ability to provide the maximum continuous
output current at the downside of higher thermal dissipation. The power dissipation increasing problem must be
careful to prevent the junction temperature to exceed the maximum ranting. Because of this risk it is not
recommended to supply the output stage with a voltage higher than a nominal 3.3V rail.
+
+
+
VTT
VDDQ
VSENSE
VREF
GND
SHDN
AVIN
PVIN
CIN
SHDN
VDDQ=2.5V
AVIN=3.3V or 5.5V
COUT
CREF
VREF=1.25V
VTT=1.25V
UTC UR5596
PVIN=3.3V
Figure 4. SSTL-2 Implementation with higher voltage rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com