Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT515-RPL-WCD Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # GOT515-RPL-WCD
Description  15.6" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE or Processor U300E and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT515-RPL-WCD Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  GOT515-RPL-WCD Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT515-RPL-WCD Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT515-RPL-WCD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated May. 29, 2025.
Optional OS Installation
Windows® 10, Windows® 11, and Linux
Dimensions
2(W)
4-M4 effec�ve L6
(VESA Mount)
120
397.6
15.6”
2(D)
60.5
100
Optional Accessories
Wi-Fi 6E/7 kit
LTE 4G kit
509000002200
24V/90W adapter, M12 A-coded 5P, AC to DC VOUT=24V,3.75A/ 100 to 240V, FSP090-AAAN3
594B8120B30E
DC-in cable M12 female 5P 180 cm without ACC
594B8122820E
USB cable M12-8P-F/2*A type 180 cm
594B8152710E
LAN cable M12-XCODE/RJ-45 plug CAT6 180 cm
594B8122100E
RS-232 cable M12-8F to DSUB 9M 180 cm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com