Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT515-RPL-WCD Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT515-RPL-WCD
Description  15.6" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE or Processor U300E and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT515-RPL-WCD Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT515-RPL-WCD Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT515-RPL-WCD Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT515-RPL-WCD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Fanless Touch Panel Computers
7. Brightness settings +/-
8. Display on/off (backlight and touch
configurable)
9. LED light (green LED: power status;
red LED: storage)
10.Power on/off
1. 1 x optional M12 I/O blank via cable:
2 x USB 2.0, 1 x COM (RS-232)
2. 1 x GbE LAN
3. 1 x 2.5GbE LAN
4. 1 x COM (RS-232/422/485)
5. 1 x USB 2.0 dual-port
6. DC-IN
3
1
2
4
5
6
GOT515-RPL-WCD
15.6" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE
or Processor U300E and Flat Bezel Design (-20°C to +50°C)
NEW
Features
● 15.6" FHD TFT flat bezel LCD display
● Fanless design with Intel® Core™ i5-1335UE or U300E processor
● Full SUS304 stainless steel enclosure with IP66 & IP69K
● Supports vertical installation with 90° rotated I/O
● Supports proximity and light sensors
● EC control (backlight on/off, brightness, light sensor, touch on/off, and Super I/O)
● Smart Ignition for intelligent power management
● Programmable OSD function key
● Operating temperature: -20°C to +50°C
● Optional high brightness display (1000 nits)
Introduction
The 15.6-inch GOT515-RPL-WCD combines an ultra-thin, modular design with high durability, making it ideal for food processing, chemical industries, light
industry, and semi-outdoor environments. Its full IP66-rated stainless steel SUS 304 enclosure offers complete protection against water, dust, and powder, while
the lockable M12 I/O module further enhances its resilience.
This robust system features a 15.6" FHD TFT flat bezel LCD display and operates fanlessly, powered by an Intel® Core™ i5-1335UE or U300E processor. It supports
a broad operating temperature range from -20°C to +50°C and offers flexibility with options for NVMe, mSATA, Wi-Fi 6E/7, or 4G LTE. Additionally, it provides
proximity and light sensors, along with enhanced EC control for backlight, brightness, touch function, and Super I/O management.
Wide Temp.
Fanless
Low Power
DDR5
IP66 & IP69K
M12 Connector
7
8
10
9
High Brightness


Similar Part No. - GOT515-RPL-WCD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5152T-832 AXIOMTEK-GOT5152T-832 Datasheet
689Kb / 2P
Easy for expansion: PCIe Mini Card
GOT5152T-832-DC AXIOMTEK-GOT5152T-832-DC Datasheet
689Kb / 2P
Easy for expansion: PCIe Mini Card
GOT5152T-832-J AXIOMTEK-GOT5152T-832-J Datasheet
689Kb / 2P
Easy for expansion: PCIe Mini Card
GOT5152T-832 AXIOMTEK-GOT5152T-832_17 Datasheet
693Kb / 2P
15 XGA TFT LCD display with LED backlight
GOT5152T-834 AXIOMTEK-GOT5152T-834 Datasheet
766Kb / 2P
Supports panel mount and optional wall mount/VESA arm mount/desktop stand (optional)
More results

Similar Description - GOT515-RPL-WCD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5153W-834 AXIOMTEK-GOT5153W-834 Datasheet
404Kb / 2P
15.6 WXGA TFT Fanless Touch Panel Computer with Intel Celeron Processor J1900
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT815-834 AXIOMTEK-GOT815-834_17 Datasheet
391Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT815L-511 AXIOMTEK-GOT815L-511 Datasheet
361Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT817-834 AXIOMTEK-GOT817-834_17 Datasheet
591Kb / 2P
17 SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
logo
Advantech Co., Ltd.
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com