Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT521-RPL-WCD Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT521-RPL-WCD
Description  21.5" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE or Processor U300E and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT521-RPL-WCD Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT521-RPL-WCD Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT521-RPL-WCD Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT521-RPL-WCD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Fanless Touch Panel Computers
7. Brightness settings +/-
8. Display on/off (backlight and touch
configurable)
9. LED light (green LED: power status;
red LED: storage)
10.Power on/off
1. 1 x optional M12 I/O blank via cable:
2 x USB 2.0, 1 x COM (RS-232)
2. 1 x GbE LAN
3. 1 x 2.5GbE LAN
4. 1 x COM (RS-232/422/485)
5. 1 x USB 2.0 dual-port
6. DC-IN
3
1 2
4 5 6
7
8
10
9
GOT521-RPL-WCD
21.5" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE
or Processor U300E and Flat Bezel Design (-20°C to +50°C)
NEW
Features
● 21.5" FHD TFT flat bezel LCD display
● Fanless design with Intel® Core™ i5-1335UE or U300E processor
● Full SUS304 stainless steel enclosure with IP66 & IP69K
● Supports vertical installation with 90° rotated I/O
● Supports proximity and light sensors
● EC control (backlight on/off, brightness, light sensor, touch on/off, and Super I/O)
● Smart Ignition for intelligent power management
● Programmable OSD function key
● Operating temperature: -20°C to +50°C
● Optional high brightness display (1000 nits)
Wide Temp.
Fanless
Low Power
DDR5
IP66 & IP69K
M12 Connector
High Brightness


Similar Part No. - GOT521-RPL-WCD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
Supports RFID
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
Supports WLAN module & internal antenna
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
10.4 SVGA TFT LCD display with LED backlight
GOT5100T-834 AXIOMTEK-GOT5100T-834 Datasheet
564Kb / 2P
Supports panel mount, wall mount, VESA arm, desktop stand (optional)
GOT5100T-834-DC AXIOMTEK-GOT5100T-834-DC Datasheet
491Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 2 COM ports
More results

Similar Description - GOT521-RPL-WCD

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
logo
Axiomtek Co., Ltd.
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT815-834 AXIOMTEK-GOT815-834_17 Datasheet
391Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT815L-511 AXIOMTEK-GOT815L-511 Datasheet
361Kb / 2P
15 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT817-834 AXIOMTEK-GOT817-834_17 Datasheet
591Kb / 2P
17 SXGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
Advantech Co., Ltd.
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com