Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT521-RPL-WCD Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT521-RPL-WCD
Description  21.5" FHD TFT IP66 & IP69K-rated Stainless Steel Fanless PCT Panel Computer with Intel® Core™ i5-1335UE or Processor U300E and Flat Bezel Design (-20°C to 50°C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT521-RPL-WCD Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT521-RPL-WCD Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT521-RPL-WCD Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT521-RPL-WCD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Fanless Touch Panel Computers
Ordering Information
GOT521-RPL-WCD
(P/N: E22B521100)
21.5" FHD TFT IP66 & IP69K-rated stainless steel fanless PCT panel computer with Intel® Core™ i5-1335UE processor
and flat bezel design
GOT521-13C-WCD
(P/N: E22B521101)
21.5" FHD TFT IP66 & IP69K-rated stainless steel fanless PCT panel computer with Intel® Core™ U300E processor
and flat bezel design
*Other configurations available upon request
**Specifications and certifications may vary based on requirements
Specifications
Enclosure
Stainless steel (SUS) 304 or 316 (optional)
LCD Panel
Display Type
21.5" FHD TFT LCD
Brightness (cd/m
2)
400 nits (default) / 1000 nits (optional)
Resolution
1920 x 1080
Viewing Angle (H/V)
178°/178°
Main System
CPU
Intel® Core™ i5-1335UE 1.3 GHz or processor U300E 1.1 GHz
Chipset
SoC integrated
TPM
dTPM 2.0
System Memory
1 x 262-pin DDR5 SO-DIMM, up to 48GB
BIOS
AMI UEFI BIOS
Storage
1 x M.2 2280, NVMe (Gen4x4) or auto-detect SATA
1 x mSATA
Watchdog Timer
65536 levels, 0 to 65535 sec.
Onboard Graphics
Intel® Iris® X
e Graphics (i5-1335UE)
I/O Connector
1 x RS-232/422/485 (default RS-232, A-coded)
1 x USB 2.0 dual-port (A-coded)
1 x 2.5GBase-T Ethernet with Intel® I226 (X-coded), supporting wake-on-LAN and PXE boot ROM
1 x 1GBase-T Ethernet with Intel® I210 (X-coded)
1 x optional M12 I/O blank via cable (2 x USB 2.0, 1 x COM RS-232)
1 x M12 DC power connector (A-coded) with ACC support
Expansion Interface
1 x full-size PCIe Mini Card slot (USB + PCIe/SATA) with nano-SIM socket; supports PCIe Mini Card or mSATA with auto-detection
1 x M.2 Key E 2230 slot for Wi-Fi + Bluetooth module
1 x M.2 Key M 2280 slot (PCIe Gen4 x4/SATA) for SSD (NVMe/SATA) or PCIe device with auto-detection
Touchscreen
Projected capacitive multi-touch
Power Input
9 to 36VDC
Power Consumption
86.4W
Dimensions (W x D x H) 531.6 x 60.5 x 318 mm (20.93" x 2.38" x 12.52")
Packing Dimensions
(W x D x H)
728 x 518 x 271 mm (28.66" x 20.39" 10.67")
Weight (net/gross)
7.5 kg (16.53 lb)/11 kg (24.25 lb)
Operating Temperature -20°C to +50°C (-4°F to +122°F)
Relative Humidity
10% to 95% @ +40°C, non-condensing
Operation Vibration
1G, 5 to 500Hz, random for M.2 SSD
Certifications
CE Class A, IEC/EN 61000-6-4, and IEC/EN 61000-6-2
FCC 47 CFR Part 15 Subpart B (Class A)
UKCA
RoHS standard
*W.T.: Wide temperature. All W.T. supported products have to be sorted by Axiomtek.
Introduction
The 21.5-inch GOT521-RPL-WCD combines an ultra-thin, modular design with high durability, making it ideal for food processing, chemical industries, light
industry, and semi-outdoor environments. Its full IP66 & IP69K stainless steel SUS 304 enclosure offers complete protection against water, dust, and powder, while
the lockable M12 I/O module further enhances its resilience.
This robust system features a 21.5" FHD TFT flat bezel LCD display and operates fanlessly, powered by an Intel® Core™ i5-1335UE or U300E processor. It supports
a broad operating temperature range from -20°C to +50°C and offers flexibility with options for NVMe, mSATA, Wi-Fi 6E/7, or 4G LTE. Additionally, it provides
proximity and light sensors, along with enhanced EC control for backlight, brightness, touch function, and Super I/O management.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com