Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # RAM
Description  2U Rackmount Server with Dual 4th Gen Intel® Xeon® Scalable Processor, Intel® C741 PCH for HPC in Medical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RAM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  RAM Datasheet HTML 1Page - Axiomtek Co., Ltd. RAM Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
2U Rackmount Server with Dual 4th Gen Intel® Xeon® Scalable Processor, Intel® C741 PCH for HPC in
Medical Applications
Features
● Dual 4th Gen Intel® Xeon® Scalable processors
● 16 DDR5-4800 ECC registered DIMM
● Supports 2 U.3 SSD, 6 SATA SSD slots
● 1600W redundant power ATX power supply
● Supports DP full HD output
● Supports dual 10G Base-T
mHPC202 NEW
Specifications
Standard Color
Silver
Construction
Heavy-duty steel
CPU
Dual socket FCLGA4677 for 4th Generation Intel® Xeon® Scalable processors
System Memory
16 x DDR5-4800 ECC RDIMM, up to 512GB
Chipset
PCH: Intel® C741, TDP 11W BMC: ASpeed AST2600
Display
1 x DisplayPort 1.1a (2560x1600)
BIOS
AMI
Remote Management
IPMI 2.0 supported by OpenBMC
System I/O Outlet
(Left to Right)
2 x USB 3.0 + 1 x DP
2 x USB 3.0 + 1 x RJ-45 1G LAN
1 x USB 3.0 type C
2 x RJ-45 10G LAN port
Watchdog Timer
Reset: 1 to 65535 sec./min. and 1 sec. or 1 min./step
Storage
6 x 2.5" SATA SSD swappable slot; support RAID 0, 1, 5, 10
2 x 2.5" U.3 SSD swappable slot; support RAID 0, 1, 5, 10
Ethernet
1 x Network card supports dual 10G Base-T
1 x IPMI 1 GbE LAN
Expansion Interface
2 PCIe riser cards inside:
Riser Card #0: 2 x PCIe x16 Gen 5.0 slot
Riser Card #1: 2 x PCIe x16 Gen 5.0 slot
1 x M.2 Key M 2280 slot, with PCIe x4 (NVMe)
System Indicator
1 x Green LED for system power-on
1 x Green LED for SSD active
1 x Green/Orange LED for system health status
Power Supply
2 x 1600W redundant ATX power supply
Operating Temperature 0°C to +40°C (32°F to +104°F)
Humidity
10% - 95%, non-condensing
Dimensions
430 mm (19”) (W) x 700 mm (27.5”) (D) x 88 mm (3.5”) (H)
Weight (net/gross)
13 kg
USB 3.2
USB
USB
110-240 V
IPMI
M.2 SSD
M.2 SSD
M.2 SSD
NVM Express
DDR5
DDR5
DDR5
Front view
Rear view
Updated Jun. 29, 2023.


Similar Part No. - RAM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-1A-12 SUNHOLD-RAM-1A-12 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-7132D ADVANTECH-SKY-7132D Datasheet
671Kb / 2P
1U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
31-Mar-2021
SKY-7232D ADVANTECH-SKY-7232D Datasheet
991Kb / 2P
2U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
10-Aug-2022
SKY-7232D-V2 ADVANTECH-SKY-7232D-V2 Datasheet
844Kb / 2P
2U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
16-Nov-2022
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-8134DU ADVANTECH-SKY-8134DU Datasheet
546Kb / 2P
1U High Performance Server based on 4th Gen Intel® Xeon® Processor Scalable Family
16-Jan-2023
SKY-8232DV2 ADVANTECH-SKY-8232DV2 Datasheet
977Kb / 2P
Compact 2U Edge Server based on Dual 3rd Gen Intel® Xeon® Scalable Processors
22-Sep-2022
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6072 ADVANTECH-FWA-6072 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV
16-Feb-2023
logo
Lanner All Rights Reser...
NCA-6530 LANNER-NCA-6530 Datasheet
526Kb / 2P
2U 19” Rackmount Network Appliance Built With Intel® Xeon® Processor Scalable Family
V1-2023.01.09
logo
AAEON Technology
FWS-8600 AAEON-FWS-8600 Datasheet
451Kb / 2P
2U Rackmount Network Appliance with Dual 2nd Gen Intel® Xeon® Scalable Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com