Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # RAM
Description  2U Rackmount Server with Dual 4th Gen Intel® Xeon® Scalable Processor, Intel® C741 PCH for HPC in Medical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RAM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  RAM Datasheet HTML 1Page - Axiomtek Co., Ltd. RAM Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Intelligent Medical Systems
14
Ordering Information
mHPC202-CCL
2U 19" rack mount server with dual 4th Gen Intel® Xeon® Scalable processors, 512GB DDR5-4800 ECC registered DIMM memory, dual
Micron PCIe NVMe U.3 SSD slots, six SATA III SSD slots, two 10GbE Base-T LAN and delicated IPMI LAN port
System Configuration
Optional
RAM
(P/N: MTC40F2046S1R
C48BA1)
64GB DDR5 4800 REG-DIMM 2Rx4, QTY: 1-2pcs
U.3 SSD
(P/N: TBA)
Micron 7450 max series 3.84TB NVMe U.3 SSD, QTY: 1-2pcs
SATAIII SSD
(P/N: E9B2F1256R)
Transcend 2.5“ 256GB SATAIII SSD (TS256S2MAX02IK1), QTY: 1-6pcs
22" Rack rail
(P/N: 7421A610000E)
NJ-21A61 SERVER SLIDE 22”
Dimensions
430



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com