Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPT-1000-2-WT-R Datasheet(PDF) 13 Page - Brady Worldwide, Inc.

Part # PSPT-1000-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-1000-2-WT-R Datasheet(HTML) 13 Page - Brady Worldwide, Inc.

Back Button PSPT-1000-2-WT-R Datasheet HTML 9Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 10Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 11Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
13
Polyester
Variety of continuous materials for terminal blocks and patch panels,
with different glosses and adhesives for multiple applications:
• B-422 White Polyester Material
with 2 mils of adhesive for rough
surface applications
• B-423 White Polyester Material
widely used for component
identification, barcoding, asset and inventory tracking
• B-428 Metallized Polyester Material
with matte finish that
withstands solvents and variable temps
• B-430 Clear Polyester Material
with permanent adhesive
• B-483 White Polyester Material
with aggressive adhesive
specifically designed for powered coated surfaces
• B-498 Repositionable Vinyl Cloth Material
with adhesive and
cloth backing
Diagram
Catalog Number
B-#
Material
Color
Label Width A
Inch (mm)
Label Height B
Inch (mm)
Labels
Per Row
Labels
Per Pkg
Rec.
Ribbon
B-422
Fig. 33
M61C-375-422
B-422
Polyester
White
0.375 (9.5)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
Fig. 33
M61C-475-422
B-422
Polyester
White
0.475 (12.1)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
Fig. 33
M61C-500-422
B-422
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
Fig. 33
M61C-625-422
B-422
Polyester
White
0.625 (15.8)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
B-423
Fig. 33
M61C-500-423
B-423
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
B-428
Fig. 33
M61C-500-428
B-428
Polyester
Silver
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4310
B-430
Fig. 33
M61C-500-430
B-430
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
Fig. 33
M61C-375-430
B-430
Polyester
White
0.375 (9.5)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
B-483
Fig. 33
M61C-500-483
B-483
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410
B-498
Fig. 30
PTLTB-498-240
B-498
Vinyl
White
0.240 (6.1)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BPTLTB-498-240
B-498
Vinyl
White
0.240 (6.1)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
PTLTB-498-318
B-498
Vinyl
White
0.318 (8.1)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BPTLTB-498-318
B-498
Vinyl
White
0.318 (8.1)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
PTLTB-498-375
B-498
Vinyl
White
0.375 (9.5)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BPTLTB-498-375
B-498
Vinyl
White
0.375 (9.5)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
M61C-375-498
B-498
Vinyl
White
0.375 (9.5)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BM61C-375-498
B-498
Vinyl
White
0.375 (9.5)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
M61C-240-498
B-498
Vinyl
White
0.240 (6.1)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BM61C-240-498
B-498
Vinyl
White
0.375 (9.5)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
M61C-318-498
B-498
Vinyl
White
0.318 (8.1)
30 ft. (9.1 m)
1
1 Roll Cont.
M61-R6210
Fig. 30
BM61C-318-498
B-498
Vinyl
White
0.375 (9.5)
300 ft. (91.4 m)
1
1 Roll Cont.
M61-R6210
Terminal Block / Patch Panel Materials
Approx. wire gauge based on AWG for THHN wire.
Figure 30
B = Label Height
A = Label Width
A
B
Figure 33
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com