Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPT-1000-2-WT-R Datasheet(PDF) 18 Page - Brady Worldwide, Inc.

Part # PSPT-1000-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-1000-2-WT-R Datasheet(HTML) 18 Page - Brady Worldwide, Inc.

Back Button PSPT-1000-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 19Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 20Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Printer, Accessories and Ribbons
LabelMark™ 6 Labeling Software
LabelMark 6 Labeling Software features a unique app environment to provide access
to what you need, right when you need it. It offers label creation solutions from basic
labeling to advanced data import on labels, allowing users to:
■
■
Integrate data sources, label designs
and batch printing into one cohesive
system
■
■
Easily make copies of imported data by
defining number of copies
■
■
Print text vertically on continuous tapes
■
■
Use QR codes and barcodes
■
■
Import data and serialization in a few
clicks with “check error” function
■
■
Create jobs to simultaneously manage
multiple print projects and printers
Printer Catalog Numbers
Catalog Number
Description
BMP61-W
BMP61 Label Printer* with WiFi
BMP61
BMP61 Label Printer*
Printer Accessories
BMP-HC-1
Hardcase Accessory
BMP-STRAP-1
Carrying Strap
BMP-MAGNET-1
Magnet Accessory
BMP41-AC
AC Adapter / Battery Charger
BMP41-QC
External Battery Quick Charger
BMP41-BATT
Rechargeable NiHM Battery
BMP61-BATCOV
Battery Cover
BMP61-CUTTER
Cutter Accessory
PCK-5
Cleaning Kit 5-Pack
* Printer ships with AC adapter/battery charger, NiMH rechargeable battery,
USB cord, utility strap, hardcase, PTL-19-423 label material,
M61-R6010 ribbon, Quick Start Guide and Driver Disks.
Catalog Number
Description
Size
M61-R6610
Black R6600 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R6010
Black R6000 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R6410
Black R6410 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R4310
Black R4300 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R6210
Black R6200 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R4410-WT
White R4400 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R6810-WT
White R6800 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R6710-WT
White R6710 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R4410-RD
Red
R4400 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
M61-R4410-BL
Blue
R4400 Series Ribbon
2” x 75’ (50.8 mm x 22.85 m)
Printer Ribbons
All materials in the printer will work with a new
series of M61 ribbons that easily fit into the printer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com