Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN5/2 Datasheet(PDF) 52 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/2 Datasheet(HTML) 52 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 50Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 51Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 52Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 53Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
50
Geophysical Miniature Cylindricals
Designed for the Geophysical industry’s rugged environments, the
Amphenol® RPT Series connector has custom features that provide
reliability in extreme temperature and moisture conditions.
The unique shell design provides stronger shells along with an
anodized (nonconductive) finish for greater salt, corrosion and
abrasion resistance. Coupling nuts are manufactured with round
detent holes and are sold separately for greater customer flexibility.
See product data sheet #146.
RJ Field Bayonet Cylindricals
Amphenol PCD division provides MIL-DTL-26482 bayonet coupling
cylindrical connectors with an RJ45 Ethernet interface*. These are
designed for use in all levels of harsh environments from industrial
to mil-aero applications providing IP67 protection from dust, fluids,
vibration, shock and traction. The Amphenol® RJ Field allows the
use of Ethernet Class D/Cat 5 and Cat 5e connections for 10
BaseT, 100 Base TX, or 1000 BaseT networks. It works with any
standard RJ45 cordset with no extra tooling. It also offers rein-
forced EMI protection.
For more information go online to www.rjfield.com or ask for the
Field Series brochure.
* RJ Field Bayonet and other Field Series products are available through Amphenol
PCD. These include RJF TV within MIL-DTL-38999 Series III threaded coupling
connectors, and RJF 544 within ECTA push-pull plastic shell coupling.
Other Amphenol Miniature Cylindrical
Connectors
Amphenol® RPT
Miniature Cylindricals
RJ Field Bayonet
Cylindricals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com