Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJGIN5/2 Datasheet(PDF) 9 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/2 Datasheet(HTML) 9 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/2 Datasheet HTML 5Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 6Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 7Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 8Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 9Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 10Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 11Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 12Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 13Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
7
A
B
A
B
C
A
B
C
D
A
C
B
A
C
B
A
D
C
B
E
A
F
E
D
C
B
A
F
E
DC
B
A
C
B
A
D
C
B
A
H
G
F
E
D
C
B
A
KJ
H
G
F E D
C
B
A
P
N
M
L
K
J
H
F
E
D
C
B
R
A
D
C
B
H
G
F
E
M
L
K
J
A
H
G
F
E
D
C
B
M
L
K
J R
P
N
A
D
C
B
H
GF
E
M
L
K
JP
N
U
T
SR
A
D
C
B
H
G F
E
M
L
K
J
T
S
R
P
N
U V
Amphenol Miniature Cylindrical
insert arrangements
®
front face of pin inserts illustrated
Insert Arrangement
6-1
8-2
8-3
8-4
8-33
8-98
10-2
Service Rating
I
I
I
I
I
I
I
Number of Contacts
1
2
3
4
3
3
2
Contact Size
20
20
20
20
20
20
16
Insert Arrangement
10-5
10-6
10-70
10-98
12-3
12-4
12-8
Service Rating
I
I
Coax
I
II
I
I
Number of Contacts
5
6
1
6
3
4
8
Contact Size
20
20
8 Coax
20
16
16
20
Insert Arrangement
12-10
12-14
12-98
14-2
14-4
14-5
14-8
Service Rating
I
I
I
II
I
II
I
Number of Contacts
10
14
10
2
4
5
6
2
Contact Size
20
20
20
12
12
16
20 12
Insert Arrangement
14-12
14-15
14-18
14-19
14-22
14-71
14-91HV
Service Rating
I
I
I
I
I
I
Number of Contacts
8
4
14 1
18
19
1
4
3
1
3
Contact Size
20 16
20 16
20
20
20 12
16 8 Coax
20
A
D
C
B
E
D A
C
B
A
C
B
A
D
B
C
Flashover
5,000 VAC (RMS)
BA
A
B
C
D
E
F
G
H
J
K
A
B
H
C
D
E
F
G
A
E
DC
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com