Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPT-500-2-WT-R Datasheet(PDF) 6 Page - Brady Worldwide, Inc.

Part # PSPT-500-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-500-2-WT-R Datasheet(HTML) 6 Page - Brady Worldwide, Inc.

Back Button PSPT-500-2-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 7Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 8Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 9Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 10Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Easy to Load Consumables
The BMP®61 label printer provides easy material loading and
an improved, wider and more open loading bay and door.
The upgraded core design provides quick pop-in-and-out
capabilites and prevents the material from rolling off the table
surface and telescoping during change-overs.
Smart-Cell Technology
With smart-cell technology built into rolls and ribbons, the
printer is able to automatically format the objects on your label
so that there is no guess work on your part. If materials are not
compatible, the screen will show an error.
Cartridge Compatibility
The BMP®61 label printer is
designed to use most of the
same material parts as the
TLS2200 label printer.
Material Options
Don’t Stop Here
The BMP®61 label printer supports
over 600 label materials and prints
on a range of die-cut and continuous
materials up to 2” (51mm) wide.
For a full list of consumables,
visit BradyID.com or contact
customer service at
888-272-3946.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com