Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPT-500-2-WT-R Datasheet(PDF) 14 Page - Brady Worldwide, Inc.

Part # PSPT-500-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-500-2-WT-R Datasheet(HTML) 14 Page - Brady Worldwide, Inc.

Back Button PSPT-500-2-WT-R Datasheet HTML 10Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 11Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Asset Tracking Materials
Figure 33
A
B
Figure 29
A
B
Polyester
B-483 Aggressive Adhesive Polyester Material
White polyester with glossy finish and aggressive adhesive
specifically designed for powder coated surfaces.
Figure 46
(Includes black border)
A
B
Figure 72
(Includes pre-printed header)
A
B
HEADER
HEADER
Diagram
Catalog Number
B-#
Material
Color
Label Width A
Inch (mm)
Label Height B
Inch (mm)
Labels
Per Row
Labels
Per Pkg
Rec. Ribbon
Fig. 33
PTL-101-483
B-483
Polyester
White
0.250 (6.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-8-483
B-483
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-16-483
B-483
Polyester
White
1.000 (25.4)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
PTL-17-483
B-483
Polyester
White
1.000 (25.4)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-19-483
B-483
Polyester
White
1.000 (25.4)
1.000 (25.4)
1
250
M61-R6010
Fig. 33
PTL-42-483
B-483
Polyester
White
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 46
PTL-24-483-BK
B-483
Polyester
Black border
1.130 (28.7)
0.500 (12.7)
1
500
M61-R6010
Fig. 33
PTL-100-483
B-483
Polyester
White
1.300 (33.0)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-65-483
B-483
Polyester
White
1.375 (34.9)
1.000 (25.4)
1
250
M61-R6010
Fig. 29
PTL-29-483
B-483
Polyester
White
1.500 (38.1)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-30-483
B-483
Polyester
White
1.500 (38.1)
0.750 (19.1)
1
250
M61-R6010
Fig. 29
PTL-31-483
B-483
Polyester
White
1.500 (38.1)
1.000 (25.4)
1
250
M61-R6010
Fig. 29
PTL-32-483
B-483
Polyester
White
1.500 (38.1)
1.500 (38.1)
1
250
M61-R6010
Fig. 33
PTL-43-483
B-483
Polyester
White
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-20-483
B-483
Polyester
White
2.000 (50.8)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-61-483
B-483
Polyester
White
2.000 (50.8)
0.500 (12.7)
1
100
M61-R6010
Fig. 29
PTL-37-483
B-483
Polyester
White
3.000 (76.2)
1.900 (48.3)
1
100
M61-R6010
Fig. 72
PTL-37-483-WARNING B-483
Polyester
Orange/Black on White
3.000 (76.2)
1.900 (48.3)
1
100
M61-R6010
Fig. 29
PTL-23-483
B-483
Polyester
White
4.000 (101.6)
1.000 (25.4)
1
100
M61-R6010
Fig. 72
PTL-38-483-WARNING B-483
Polyester
Orange/Black on White
4.000 (101.6)
1.900 (48.3)
1
100
M61-R6010
Hundreds of Additional Label Parts
and Custom Parts Available
The BMP®61 label printer supports over 600 label
materials and prints on a range of die-cut and
continuous materials up to 2” (51mm) wide.
For a full list of consumables,
visit BradyID.com or
contact customer service at
888-272-3946 for custom options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com