Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NO.A Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC12DL040CIVS/NO.A
Description  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040CIVS/NO.A Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC12DL040CIVS/NO.A Datasheet HTML 30Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 31Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 32Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 33Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 34Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 35Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 36Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 37Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
ADC12DL040CIVS/
NO.A
PAG
TQFP
64
160
8 X 20
150
322.6
135.9
7620
15.2
13.1
13
ADC12DL040CIVS/
NOPB
PAG
TQFP
64
160
8 X 20
150
322.6
135.9
7620
15.2
13.1
13
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com