Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NO.A Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12DL040CIVS/NO.A
Description  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040CIVS/NO.A Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DL040CIVS/NO.A Datasheet HTML 1Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 2Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 3Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 4Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 5Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ADC12DL040
www.ti.com
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
Check for Samples: ADC12DL040
1
FEATURES
DESCRIPTION
The ADC12DL040 is a dual, low power monolithic
23
•
Single +3.0V Supply Operation
CMOS
analog-to-digital
converter
capable
of
•
Internal Sample-and-Hold
converting analog input signals into 12-bit digital
•
Internal Reference
words at 40 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
•
Outputs 2.4V to 3.6V Compatible
digital error correction and an on-chip sample-and-
•
Power Down Mode
hold circuit to minimize power consumption while
•
Duty Cycle Stabilizer
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
•
Multiplexed Output Mode
+3.0V power supply, the ADC12DL040 achieves 11.1
effective bits at nyquist and consumes just 210 mW
APPLICATIONS
at 40 MSPS, including the reference current. The
•
Ultrasound and Imaging
Power Down feature reduces power consumption to
36 mW.
•
Instrumentation
•
Communications Receivers
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
•
Sonar/Radar
of a single-ended input. Full use of the differential
•
xDSL
input is recommended for optimum performance. The
•
Cable Modems
digital outputs from the two ADC's are available on a
single multiplexed 12-bit bus or on separate buses.
•
DSP Front Ends
Duty cycle stabilization and output data format are
selectable using a quad state function pin. The output
KEY SPECIFICATIONS
data can be set for offset binary or two's complement.
•
Resolution 12 Bits
To ease interfacing to lower voltage systems, the
•
DNL ±0.3 LSB (typ)
digital output driver power pins of the ADC12DL040
•
SNR (fIN = 10 MHz) 69 dB (typ)
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage.
•
SFDR (fIN = 10 MHz) 85 dB (typ)
•
Data Latency 7 Clock Cycles
This device is available in the 64-lead TQFP package
and will operate over the industrial temperature range
•
Power Consumption
of
−40°C to +85°C. An evaluation board is available
–
Operating 210 mW (typ)
to ease the evaluation process.
–
Power Down Mode 36 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DL040CIVS/NO.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL040CIVS/NOPB TI1-ADC12DL040CIVS/NOPB Datasheet
1Mb / 37P
210mW A/D Converter
More results

Similar Description - ADC12DL040CIVS/NO.A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com