Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7822PC Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7822PC
Description  12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7822PC Datasheet(HTML) 2 Page - Texas Instruments

  ADS7822PC Datasheet HTML 1Page - Texas Instruments ADS7822PC Datasheet HTML 2Page - Texas Instruments ADS7822PC Datasheet HTML 3Page - Texas Instruments ADS7822PC Datasheet HTML 4Page - Texas Instruments ADS7822PC Datasheet HTML 5Page - Texas Instruments ADS7822PC Datasheet HTML 6Page - Texas Instruments ADS7822PC Datasheet HTML 7Page - Texas Instruments ADS7822PC Datasheet HTML 8Page - Texas Instruments ADS7822PC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
SPECIFIED
TRANSPORT
PACKAGE-
PACKAGE
PACKAGE
ORDERING
PRODUCT
LINEARITY
LINEARITY
TEMPERATURE
MEDIA,
LEAD
DESIGNATOR
MARKING(2)
NUMBER
ERROR
ERROR
RANGE
QUANTITY
(LSB)
(LSB)
Tape and Reel,
ADS7822E/250
250
ADS7822E
±2
±2
MSOP-8
DGK
–40
°C to +85°C
A22
Tape and Reel,
ADS7822E/2K5
2500
Tape and Reel,
ADS7822EB/250
250
ADS7822EB
±1
±1
MSOP-8
DGK
–40
°C to +85°C
A22
Tape and Reel,
ADS7822EB/2K5
2500
Tape and Reel,
ADS7822EC/250
250
ADS7822EC
±0.75
±0.75
MSOP-8
DGK
–40
°C to +85°C
A22
Tape and Reel,
ADS7822EC/2K5
2500
Plastic
ADS7822P
±2
±2
P
–40
°C to +85°C
ADS7822P
ADS7822P
Rails, 50
DIP-8
Plastic
ADS7822PB
±1
±1
P
–40
°C to +85°C
ADS7822PB
ADS7822PB
Rails, 50
DIP-8
Plastic
ADS7822PC
±0.75
±0.75
P
–40
°C to +85°C
ADS7822PC
ADS7822PC
Rails, 50
DIP-8
ADS7822U
Rails, 100
ADS7822U
±2
±2
SO-8
D
–40
°C to +85°C
ADS7822U
Tape and Reel,
ADS7822U/2K5
2500
ADS7822UB
Rails, 100
ADS7822UB
±1
±1
SO-8
D
–40
°C to +85°C
ADS7822UB
Tape and Reel,
ADS7822UB/2K5
2500
ADS7822UC
Rails, 100
ADS7822UC
±0.75
±0.75
SO-8
D
–40
°C to +85°C
ADS7822UC
Tape and Reel,
ADS7822UC/2K5
2500
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI website at www.ti.com.
(2)
Performance grade information is marked on the reel.
over operating free-air temperature range (unless otherwise noted)
ADS7822
UNIT
VCC
+6
V
Analog input
–0.3 to VCC + 0.3
V
Logic input
–0.3 to 6
V
Case temperature
+100
°C
Junction temperature
+150
°C
Storage temperature
+125
°C
External reference voltage
+5.5
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS7822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com