Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7822PC Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7822PC
Description  12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7822PC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7822PC Datasheet HTML 3Page - Texas Instruments ADS7822PC Datasheet HTML 4Page - Texas Instruments ADS7822PC Datasheet HTML 5Page - Texas Instruments ADS7822PC Datasheet HTML 6Page - Texas Instruments ADS7822PC Datasheet HTML 7Page - Texas Instruments ADS7822PC Datasheet HTML 8Page - Texas Instruments ADS7822PC Datasheet HTML 9Page - Texas Instruments ADS7822PC Datasheet HTML 10Page - Texas Instruments ADS7822PC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
1
2
3
4
5
ReferenceVoltage(V)
V
=5V
CC
V
=5V
CC
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-50
-25
0
25
50
75
100
Temperature(°C)
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
1
2
3
4
5
ReferenceVoltage(V)
V
=5V
CC
V
=5V
CC
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-50
-25
0
25
50
75
100
Temperature( C)
°
12.00
11.75
11.50
11.25
11.00
10.75
10.50
10.25
10.00
0.1
1
10
ReferenceVoltage(V)
V
=5V
CC
10
9
8
7
6
5
4
3
2
1
0
0.1
1
10
ReferenceVoltage(V)
V
=5V
CC
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 75kHz, fCLK = 16 × fSAMPLE, unless otherwise specified.
CHANGE IN OFFSET
CHANGE IN OFFSET
vs REFERENCE VOLTAGE
vs TEMPERATURE
Figure 7.
Figure 8.
CHANGE IN GAIN
CHANGE IN GAIN
vs REFERENCE VOLTAGE
vs TEMPERATURE
Figure 9.
Figure 10.
EFFECTIVE NUMBER OF BITS
PEAK-TO-PEAK NOISE
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 11.
Figure 12.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com