Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM80814-005 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM80814-005
Description  L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80814-005 Datasheet(HTML) 2 Page - STMicroelectronics

  AM80814-005 Datasheet HTML 1Page - STMicroelectronics AM80814-005 Datasheet HTML 2Page - STMicroelectronics AM80814-005 Datasheet HTML 3Page - STMicroelectronics AM80814-005 Datasheet HTML 4Page - STMicroelectronics AM80814-005 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 850 — 1400MHz
PIN
= 0.7W
VCC
= 28V
5.0
5.7
—
W
ηcf = 850 — 1400MHz
PIN
= 0.7W
VCC
= 28V
35
40
—
%
GP
f
= 850 — 1400MHz
PIN
= 0.7W
VCC
= 28V
8.5
9.0
—
dB
Note:
Pulse W idth
= 120µS
Duty Cycle
= 4%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 1mA
IE
= 0mA
48
—
—
V
BVEBO
IE
= 1mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 5mA
RBE
= 10Ω
48
—
—
V
ICES
VBE
= 0V
VCE
= 28V
—
—
500
mA
hFE
VCE
= 5V
IC
= 250mA
30
—
300
—
DYNAMIC
TYPICAL PERFORMANCE
2
3
4
5
6
7
8
30
35
40
45
50
55
60
65
70
75
80
85
90
800
950
1100
1250
1400
P
O
W
E
R
O
U
T
P
U
T
FREQUENCY (MHz)
C
O
L
L
E
C
T
O
R
E
F
F
I
C
I
E
N
C
Y
%
FREQUENCY (MHz)
POWER OUTPUT & COLLECTOR
EFFICIENCY vs FREQUENCY
PW
= 120 µS
DC
= 4%
VCC
= 28 V
PIN
0.7
0.6
0.5
(Watts)
PIN
= 0.5, 0.6W
PIN
= 07W
AM80814-005
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com