Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM80814-005 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM80814-005
Description  L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80814-005 Datasheet(HTML) 3 Page - STMicroelectronics

  AM80814-005 Datasheet HTML 1Page - STMicroelectronics AM80814-005 Datasheet HTML 2Page - STMicroelectronics AM80814-005 Datasheet HTML 3Page - STMicroelectronics AM80814-005 Datasheet HTML 4Page - STMicroelectronics AM80814-005 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 0.7 W
VCC
= 28 V
Normalized to 50 ohms
ZIN
ZCL
L
L
H
H
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 0.85 GHz
0.22 + j 0.29
0.13 + j 0.15
• = 1.0 GHz
0.21 + j 0.25
0.18 + j 0.18
• = 1.1 GHz
0.19 + j 0.22
0.23 + j 0.17
• = 1.2 GHz
0.18 + j 0.17
0.32 + j 0.16
• = 1.3 GHz
0.17 + j 0.15
0.29 + j 0.02
H
= 1.4 GHz
0.16 + j 0.14
0.22
− j 0.06
AM80814-005
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com