Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N1NK80Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # N1NK80Z
Description  N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N1NK80Z Datasheet(HTML) 2 Page - STMicroelectronics

  N1NK80Z Datasheet HTML 1Page - STMicroelectronics N1NK80Z Datasheet HTML 2Page - STMicroelectronics N1NK80Z Datasheet HTML 3Page - STMicroelectronics N1NK80Z Datasheet HTML 4Page - STMicroelectronics N1NK80Z Datasheet HTML 5Page - STMicroelectronics N1NK80Z Datasheet HTML 6Page - STMicroelectronics N1NK80Z Datasheet HTML 7Page - STMicroelectronics N1NK80Z Datasheet HTML 8Page - STMicroelectronics N1NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STQ1NK80ZR-AP - STN1NK80Z - STD1NK80Z - STD1NK80Z-1
2/15
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤ 1 A, di/dt ≤ 200 A/µs, VDD ≤ 640
Table 4: Thermal Data
(#) When mounted on 1inch² FR-4 BOARD, 2 oz Cu
Table 5: Avalanche Characteristics
Table 6: GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
TO-92
SOT-223
DPAK/IPAK
VDS
Drain-source Voltage (VGS = 0)
800
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
800
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
0.3
0.25
1.0
A
ID
Drain Current (continuous) at TC = 100°C
0.19
0.16
0.63
A
IDM ( )
Drain Current (pulsed)
5
A
PTOT
Total Dissipation at TC = 25°C
3
2.5
45
W
Derating Factor
0.025
0.02
0.36
W /°C
VESD(G-S)
Gate source ESD (HBM-C= 100pF, R= 1.5K
Ω)
1000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-92
SOT-223
DPAK/IPAK
Unit
Rthj-case
Thermal Resistance Junction-case Max
--
--
2.78
°C/W
Rthj-amb(#)
Thermal Resistance Junction-ambient Max
120
50
100
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
40
--
--
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
260
--
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
1
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
50
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open
Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com