Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N1NK80Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # N1NK80Z
Description  N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N1NK80Z Datasheet(HTML) 4 Page - STMicroelectronics

  N1NK80Z Datasheet HTML 1Page - STMicroelectronics N1NK80Z Datasheet HTML 2Page - STMicroelectronics N1NK80Z Datasheet HTML 3Page - STMicroelectronics N1NK80Z Datasheet HTML 4Page - STMicroelectronics N1NK80Z Datasheet HTML 5Page - STMicroelectronics N1NK80Z Datasheet HTML 6Page - STMicroelectronics N1NK80Z Datasheet HTML 7Page - STMicroelectronics N1NK80Z Datasheet HTML 8Page - STMicroelectronics N1NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STQ1NK80ZR-AP - STN1NK80Z - STD1NK80Z - STD1NK80Z-1
4/15
Figure 3: Safe Operating Area for SOT-223
Figure 4: Safe Operating Area for TO-92
Figure 5: Safe Operating Area for IPAK-DPAK
Figure 6: Thermal Impedance for SOT-223
Figure 7: Thermal Impedance for TO-92
Figure 8: Thermal Impedance for DPAK-IPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com